Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BBCZ1 Datasheet(PDF) 62 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 58Page - Analog Devices AD6636BBCZ1 Datasheet HTML 59Page - Analog Devices AD6636BBCZ1 Datasheet HTML 60Page - Analog Devices AD6636BBCZ1 Datasheet HTML 61Page - Analog Devices AD6636BBCZ1 Datasheet HTML 62Page - Analog Devices AD6636BBCZ1 Datasheet HTML 63Page - Analog Devices AD6636BBCZ1 Datasheet HTML 64Page - Analog Devices AD6636BBCZ1 Datasheet HTML 65Page - Analog Devices AD6636BBCZ1 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
AD6636
Rev. 0 | Page 62 of 72
<0>: Gain Control Enable Bit. This bit controls the configura-
tion of the EXP<2:0> bits for Channel A. When the gain control
enable bit is Logic 1, the EXP<2:0> bits are configured as
outputs. When this bit is cleared, the EXP<2:0> bits are inputs.
Port A Dwell Timer <19:0>
This register is used to set the dwell time for the gain control
block. When gain control block is active and detects a decrease
in the signal level below the lower threshold value (program-
mable), a dwell time counter is initiated to provide temporal
hysteresis. Doing so prevents the gain from being switched
continuously. Note that the dwell timer is turned on only after a
drop below the lower threshold is detected in the signal level.
Port A Power Monitor Period <23:0>
This register is used in the power monitoring logic to set the
period of time for which ADC input data is monitored. This
value represents the monitor period in number of ADC port
clock cycles.
Port A Power Monitor Output <23:0>
This register is read-only and contains the current status of the
power monitoring logic output. The output is dependent on the
power monitoring mode selected. When the power monitor
block is enabled, this register is updated at the end of each
power monitor period. This register is updated even if an
interrupt signal is not generated.
Port A Upper Threshold <9:0>
This register serves the dual purpose of specifying the upper
threshold value in the gain control block and in the power
monitoring block, depending on which block is active. Any
ADC port input data having a magnitude greater than this value
triggers a gain change in the gain control block. Any ADC port
input data having a magnitude greater than this value is
monitored in the power monitoring block (in peak detect or
threshold crossing mode). The value of the register is compared
with the absolute magnitude of the input port data. For real
input, the absolute magnitude is the same as the input data; for
positive and negative data, the absolute magnitude is the value
of the data after removing the negative sign.
Port A Lower Threshold <9:0>
This register is used in the gain control block and represents the
magnitude of the lower threshold for ADC port input data. Any
ADC input data having a magnitude below the lower threshold
initiates the dwell time counter. The value of the register is
compared with the absolute magnitude of the input port data.
For real input, the absolute magnitude is the same as the input
data; for positive and negative data, the absolute magnitude is
the value of the data after removing the negative sign.
Port A Signal Monitor <4:0>
This register controls the functions of the power monitoring
block.
<4>: Disable Power Monitor Period Timer Bit. When this bit is
set, the power monitor period timer no longer controls the
update of the power monitor holding register. A user read to the
power monitor holding register updates this register. When this
bit is cleared, the power monitor period register controls the
timer and, therefore, controls the update rate of the power
monitor holding register.
<3>: Clear-on-Read Bit. When this bit is set, the power monitor
holding register is cleared every time this register is read. This
bit controls whether the power monitoring function is cleared
after a read of the power monitor period register. If this bit is
set, the monitoring function is cleared after the read. If this bit is
Logic 0, the monitoring function is not cleared. This bit is a
don’t care if the disable integration counter bit is clear.
<2:1>: Monitor Function Select Bits. Table 33 lists the functions
of these bits.
Table 33. Monitor Function Select Bits
Monitor Function Select
Function Enabled
00
Peak Detect Mode
01
Mean Power Monitor Mode
10
Threshold Crossing Mode
11
Invalid Selection
<0>: Monitor Enable Bit. When this bit is set, the power
monitoring function is enabled and operates as selected by
Bits <2:1> of the signal monitor register. When this bit is
cleared, the power monitoring function is disabled and the
signal monitor register <2:1> bits are don’t care. This bit defaults
to 0 on power-up.
Note: Gain control, dwell timer, power monitor period, signal
monitor, power monitoring output, lower threshold and upper
threshold registers for Ports B, C, and D work similarly to the
corresponding registers definitions for Port A.
CHANNEL REGISTER MAP
Channel control registers are common to all six channels, and
access to specific channels is determined by the channel I/O
access register (Address 0x02).
NCO Control <15:0>
These bits control the NCO operation.
<8:7>: NCO Sync Start Select Bits. These bits determine which
SYNC input pin is used by this channel for a start synchroniza-
tion operation. Table 34 describes the selection.
Table 34. Sync Start Select Bits
NCO Control <8:7>
SYNC Pin Used for Start Synchronization
00
SYNC0
01
SYNC1
10
SYNC2
11
SYNC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com