Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BBCZ1 Datasheet(PDF) 55 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 51Page - Analog Devices AD6636BBCZ1 Datasheet HTML 52Page - Analog Devices AD6636BBCZ1 Datasheet HTML 53Page - Analog Devices AD6636BBCZ1 Datasheet HTML 54Page - Analog Devices AD6636BBCZ1 Datasheet HTML 55Page - Analog Devices AD6636BBCZ1 Datasheet HTML 56Page - Analog Devices AD6636BBCZ1 Datasheet HTML 57Page - Analog Devices AD6636BBCZ1 Datasheet HTML 58Page - Analog Devices AD6636BBCZ1 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
AD6636
Rev. 0 | Page 55 of 72
Table 29. Memory Map
8-Bit Hex
Address
Byte 3
Byte 2
Byte 1
Byte 0
8-Bit Hex
Address
0x03
Open <7:6>, Channel
Enable <5:0>
Open<7:6>, Channel I/O
Access Control<5:0>
Chip I/O Access Control
<7:0> (default 0x00)
Open<7:0>
0x00
0x07
Open <15:11>, LVDS Control<10:0> (default 0x06FC)
Soft Synchronization
Configuration<7:0>
Pin Synchronization
Configuration<7:0>
0x04
0x0B
Interrupt Mask <15:0>
Interrupt Status <15:0> (read only, default 0x00)
0x08
ADC Input Port Register Map—Addresses 0x0C to 0x67
0x0F
ADC Input Control <31:0>
0x0C
0x13
Open<15:0>
ADC CLK Control <15:0> (default 0x0000)
0x10
0x17
Port AB, IQ Correction Control<15:0> (default 0x0000)
Port CD, IQ Correction Control <15:0> (default 0x0000)
0x14
0x1B
Port AB, DC Offset Correction I<15:0>
Port AB, DC Offset Correction Q<15:0>
0x18
0x1F
Port CD, DC Offset Correction I<15:0>
Port CD, DC Offset Correction Q<15:0>
0x1B
0x23
Port AB, Phase Offset Correction <15:0>
Port AB, Amplitude Offset Correction <15:0>
0x20
0x27
Port CD, Phase Offset Correction <15:0>
Port CD, Amplitude Offset Correction <15:0>
0x24
0x2B
Port A Gain Control <7:0>
Open<23:20>, Port A Dwell Timer <19:0>
0x28
0x2F
Open<7:0>
Port A Power Monitor Period <23:0>
0x2C
0x33
Open<7:5>, Port A Signal
Monitor<4:0>
Port A Power Monitor Output <23:0>
0x30
0x37
Open<15:10>, Port A Lower Threshold <9:0>
Open <15:10>, Port A Upper Threshold <9:0>
0x34
0x3B
Port B Gain Control <7:0>
Open<23:20>, Port B Dwell Timer <19:0>
0x38
0x3F
Open<7:0>
Port B Power Monitor Period <23:0>
0x3C
0x43
Open<7:5>, Port B Signal
Monitor<4:0>
Port B Power Monitor Output <23:0>
0x40
0x47
Open<15:10>, Port B Lower Threshold <9:0>
Open <15:10>, Port B Upper Threshold <9:0>
0x44
0x4B
Port C Gain Control <7:0>
Open<23:20>, Port C Dwell Timer <19:0>
0x48
0x4F
Open<7:0>
Port C Power Monitor Period <23:0>
0x4C
0x53
Open<7:5>, Port C Signal
Monitor<4:0>
Port C Power Monitor Output <23:0>
0x50
0x57
Open<15:10>, Port C Lower Threshold <9:0>
Open <15:10>, Port C Upper Threshold <9:0>
0x54
0x5B
Port D Gain Control <7:0>
Open<23:20>, Port D Dwell Timer <19:0>
0x58
0x5F
Open<7:0>
Port D Power Monitor Period <23:0>
0x5C
0x63
Open<7:5>, Port D Signal
Monitor<4:0>
Port D Power Monitor Output <23:0>
0x60
0x67
Open<15:10>, Port D Lower Threshold <9:0>
Open <15:10>, Port D Upper Threshold <9:0>
0x64
Channel Register Map—Addresses 0x68 to 0xBB
0x6B
Open<15:0>
Open<15:9>, NCO Control<8:0>
0x68
0x6F
NCO Start Hold-Off Counter<15:0>
NCO Frequency Hold-Off Counter<15:0>
0x6C
0x73
NCO Frequency <31:0> (default 0x0000 0000)
0x70
0x77
Open<15:0>
NCO Phase Offset<15:0> (default 0x0000)
0x74
0x7B
Open<7:1>, CIC
Bypass<0>
Open<7:5>, CIC
Decimation<4:0>
Open<7:5>, CIC Scale
Factor<4:0>
Open<7:4>, FIR-HB
Control<3:0>
0x78
0x7F
Open<15:0>
Open<15:13>, MRCF Control<12:0>
0x7C
0x83
Open<7:6>, MRCF
Coefficient 3 <5:0>
Open<7:6>, MRCF
Coefficient 2 <5:0>
Open<7:6>, MRCF
Coefficient 1 <5:0>
Open<7:6>, MRCF
Coefficient 0 <5:0>
0x80
0x87
Open<7:6>, MRCF
Coefficient 7 <5:0>
Open<7:6>, MRCF
Coefficient 6 <5:0>
Open<7:6>, MRCF
Coefficient 5 <5:0>
Open<7:6>, MRCF
Coefficient 4 <5:0>
0x84
0x8B
Open<15:13>, DRCF Control Register<12:0>
Open <7:6>, DRCF
Coefficient Offset<5:0>
Open<7>, DRCF Taps
<6:0>
0x88
0x8F
Open<15:0>
Open <7:6>, DRCF Final
Address<5:0>
Open <7:6>, DRCF Start
Address<5:0>
0x8C
0x93
Open<15:0>
Open<15:14>, DRCF Coefficient Memory <13:0>
0x90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com