Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BBCZ1 Datasheet(PDF) 24 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 20Page - Analog Devices AD6636BBCZ1 Datasheet HTML 21Page - Analog Devices AD6636BBCZ1 Datasheet HTML 22Page - Analog Devices AD6636BBCZ1 Datasheet HTML 23Page - Analog Devices AD6636BBCZ1 Datasheet HTML 24Page - Analog Devices AD6636BBCZ1 Datasheet HTML 25Page - Analog Devices AD6636BBCZ1 Datasheet HTML 26Page - Analog Devices AD6636BBCZ1 Datasheet HTML 27Page - Analog Devices AD6636BBCZ1 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
AD6636
Rev. 0 | Page 24 of 72
Additional Control Bits
For additional flexibility in the power monitoring process, two
control bits are provided in the power-monitor control register.
The two control bits are the disable monitor period timer bit
and the clear-on-read bit. These options have the same function
in all three modes of operation.
Disable Monitor Period Timer Bit
When the disable monitor period timer bit is written with
Logic 1, the timer continues to run but does not cause the
contents of the MSR to be transferred to the holding register
when the count reaches 1. This function of transferring the
MSR to the power monitor holding register and resetting the
MSR is now controlled by a read operation on the microport or
serial port.
When a microport or serial port read is performed on the
power monitor holding register, the MSR value is transferred to
the holding register. After the read operation, the timer is
reloaded with the AMPR value. If the timer reaches 1 before the
microport or serial port read, the MSR value is not transferred
to the holding register, as in normal operation. The timer still
generates an interrupt on the AD6636 interrupt pin and updates
the interrupt status register. An interrupt appears on the IRP
pin, if interrupts are enabled in the interrupt enable register.
Clear-on-Read Bit
This control bit is valid only when the disable monitor period
timer bit is Logic 1. When both of these bits are set, a read
operation to either the microport or the serial port reads the
MSR value and the monitor period timer is reloaded with the
AMPR value. The MSR is cleared (written with current input
signal magnitude in peak power and mean power mode; written
with a zero in threshold crossing mode), and normal operation
continues.
When the monitor period timer is disabled and the clear-on-
read bit is set, a read operation to the power monitor holding
register clears the contents of the MSR and, therefore, the power
monitor loop restarts.
If the clear-on-read bit is Logic 0, the read operation to the
microport or serial port does not clear the MSR value after it is
transferred into the holding register. The value from the
previous monitor time period persists, and it continues to be
compared, accumulated, or incremented, based on new input
signal magnitude values.
QUADRATURE I/Q CORRECTION BLOCK
When the I and Q paths are digitized using separate ADCs, as in
quadrature IF down-conversion, a mismatch often occurs
between I and Q due to variations in the ADCs from the
manufacturing process. The AD6636 is equipped with two
quadrature correction blocks that can be used to correct I/Q
mismatch errors in a complex baseband input stream. These I/Q
mismatches can result in spectral distortions, and removing
them is useful.
Two such blocks are present, one each for the I/Q signal formed
by combining the A and B inputs and the C and D inputs,
respectively. The I/Q correction block can be enabled when the
Port A (or Port C) complex data active bit is enabled in the
ADC input control register. This block is bypassed when real
input data is present on the ADC input ports, because there is
no possibility of I/Q mismatch in real data.
The I/Q or quadrature correction block consists of three
independent subblocks: dc correction, phase correction, and
amplitude correction. Three individual bits in the AB (or CD)
correction control registers can be used to enable or disable
each of these subblocks independently. Figure 29 shows the
contents and definitions of the registers related to the
quadrature correction block.
DC
ESTIMATE
DC
ESTIMATE
MAGNITUDE
ERROR
ESTIMATION
PHASE ESTIMATE
[13:0]
PHASE
ESTIMATE
[13:0]
Q_OUT [15:0]
TO NEXT BLOCK
I_OUT [15:0]
TO NEXT BLOCK
I [15:0] FROM
INPUT PORT
Q [15:0] FROM
INPUT PORT
PHASE
ERROR
ESTIMATION
MAGNITUDE
ESTIMATE [13:0]
Figure 29. Quadrature Correction Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com