Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BBCZ1 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 5Page - Analog Devices AD6636BBCZ1 Datasheet HTML 6Page - Analog Devices AD6636BBCZ1 Datasheet HTML 7Page - Analog Devices AD6636BBCZ1 Datasheet HTML 8Page - Analog Devices AD6636BBCZ1 Datasheet HTML 9Page - Analog Devices AD6636BBCZ1 Datasheet HTML 10Page - Analog Devices AD6636BBCZ1 Datasheet HTML 11Page - Analog Devices AD6636BBCZ1 Datasheet HTML 12Page - Analog Devices AD6636BBCZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
AD6636
Rev. 0 | Page 9 of 72
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
ELECTRICAL
VDDCORE Supply Voltage
(Core Supply)
2.2 V
VDDIO Supply Voltage
(Ring or IO Supply)
4.0 V
Input Voltage
−0.3 to +3.6 V (not 5 V tolerant)
Output Voltage
−0.3 to VDDIO + 0.3 V
Load Capacitance
200 pF
ENVIRONMENTAL
Operating Temperature
Range (Ambient)
−40°C to +85°C
Maximum Junction
Temperature under Bias
125°C
Storage Temperature Range
(Ambient)
−65
°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
256-ball CSP_BGA package:
θJA = 25.4°C /W, no airflow
θJA = 23.3°C /W, 0.5 m/s airflow
θJA = 22.6°C /W, 1.0 m/s airflow
θJA = 21.9°C /W, 2.0 m/s airflow
Thermal measurements made in the horizontal position on a
4-layer board with vias.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com