Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BBCZ1 Datasheet(PDF) 70 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 64Page - Analog Devices AD6636BBCZ1 Datasheet HTML 65Page - Analog Devices AD6636BBCZ1 Datasheet HTML 66Page - Analog Devices AD6636BBCZ1 Datasheet HTML 67Page - Analog Devices AD6636BBCZ1 Datasheet HTML 68Page - Analog Devices AD6636BBCZ1 Datasheet HTML 69Page - Analog Devices AD6636BBCZ1 Datasheet HTML 70Page - Analog Devices AD6636BBCZ1 Datasheet HTML 71Page - Analog Devices AD6636BBCZ1 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
AD6636
Rev. 0 | Page 70 of 72
DESIGN NOTES
The following guidelines describe circuit connections, layout
requirements, and programming procedures for the AD6636.
The designer should review these guidelines before starting the
system design and layout.
• The AD6636 requires the following power-up sequence: The
VDDCORE (1.8 V) must settle into nominal voltage levels
before the VDDIO attains the minimum. This ensures that,
on power-up, the JTAG does not take control of the I/O
pins.
• Input clocks (CLKA, CLKB, CLKC, CLKD) and input port
pins (INA[15:0] to IND[15:0], EXPA[2:0] to EXPD[2:0]) are
not 5 V tolerant. Care should be taken to drive these pins
within the limits of VDDIO (3.0 V to 3.6 V).
• When the ADC output has less than 16 bits of resolution,
it should be connected to the MSBs of the input port (MSB-
justified). The remaining LSBs should be connected to
ground.
• The number format used in this part is twos complement.
All input ports and output ports use twos complement data
format. The formats for individual internal registers are
given in the memory map description of these registers.
• In both microport and serial port operation, the DTACK
(RDY, SDO) pin is an open-drain output and, therefore,
should be pulled high externally using a pull-up resister.
The recommended value for the pull-up resistor is from
1 kΩ and 5 kΩ.
DTACK (RDY, SDO)
AD6636
1k
Ω
3.3V
Figure 50. DTACK, SDO Pull-Up Resistor Circuit
• A simple RC circuit is used on the EXT_FILTER pin to
balance the internal RC circuit on this pin and maintain a
good PLL clock lock. The recommended circuit is shown in
Figure 51, with the RC circuit connected to VDDCORE.
This RC circuit should be placed as close as possible to the
AD6636 part. This layout ensures that the PLL clock is void
of noise and spurs and the PLL lock is maintained closely.
EXT_FILTER
AD6636
10k
Ω
VDDCORE (1.8V)
0.01
µF
Figure 51. EXT_FILTER Circuit for PLL Clock
• By default, the PLL CLK is disabled. It can be enabled by
programming the PLL multiplier and divider bits in the
ADC CLK control register. When the PLL CLK is enabled
by programming this register, it takes about 50 to 200 µs to
settle down. While the PLL loop settles down, the voltage at
the EXT_FILTER pin increases from 0 V to VDDCORE (1.8
V) and settles there. Channel registers and output port
registers (Addresses 0x68 to 0xE7) should not be pro-
grammed before the PLL loop settles down.
• The LVDS_RSET pin is used to calibrate the current in the
LVDS pads. The recommended circuit for this pin is shown
in Figure 52. This resistor should be placed as close as
possible to the AD6636 part. This resistor is not required, if
CMOS mode input is used.
LVDS_RSET
AD6636
10k
Ω
Figure 52. LVDS_RSET Circuit for LVDS Calibration
• To reset the AD6636 part, the user needs to provide a
minimum pulse of 30 ns to the RESET pin. The RESET pin
should be connected to GND (or pulled low) during power-
up of the part. The RESET pin can be pulled high after the
power supplies have settled to nominal values (1.8 V and 3.3
V). At this point, a pulse (pull low and high again) should be
provided to give a RESET to the part.
• Most AD6636 pins are driven by both JTAG circuitry and
normal function circuitry specific to each pin. TRST is the
reset pin for JTAG. When TRST is pulled low, JTAG is in
reset and all pins function in normal mode (driven by
functional circuit). If JTAG is not used in the design, the
TRST pin should be pulled low at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com