Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BBCZ1 Datasheet(PDF) 59 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 55Page - Analog Devices AD6636BBCZ1 Datasheet HTML 56Page - Analog Devices AD6636BBCZ1 Datasheet HTML 57Page - Analog Devices AD6636BBCZ1 Datasheet HTML 58Page - Analog Devices AD6636BBCZ1 Datasheet HTML 59Page - Analog Devices AD6636BBCZ1 Datasheet HTML 60Page - Analog Devices AD6636BBCZ1 Datasheet HTML 61Page - Analog Devices AD6636BBCZ1 Datasheet HTML 62Page - Analog Devices AD6636BBCZ1 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
AD6636
Rev. 0 | Page 59 of 72
<9>: Channel 5 Data Ready Enable Bit. When this bit is set, the
Channel 5 data ready interrupt is enabled, allowing an interrupt
to be generated when Channel 5 BIST signature registers are
updated. When this bit is cleared, an interrupt cannot be
generated for this event.
<8>: Channel 4 Data Ready Enable Bit. Similar to Bit <9> for
Channel 4.
<7>: Channel 3 Data Ready Enable Bit. Similar to Bit <9> for
Channel 3.
<6>: Channel 2 Data Ready Enable Bit. Similar to Bit <9> for
Channel 2.
<5>: Channel 1 Data Ready Enable Bit. Similar to Bit <9> for
Channel 1.
<4>: Channel 0 Data Ready Enable Bit. Similar to Bit <9> for
Channel 0.
<3>: ADC Port D Power Monitoring Enable Bit. When this bit is
set to Logic 1, the ADC Port D power monitoring interrupt is
enabled allowing an interrupt to be generated when ADC Port
D power monitoring registers are updated. When set to Logic 1,
the ADC Port D power monitoring interrupt is disabled.
<2>: ADC Port C Power Monitoring Enable Bit. Similar to
Bit <3> for ADC Port C.
<1>: ADC Port B Power Monitoring Enable Bit. Similar to
Bit <3> for ADC Port B.
<0>: ADC Port A Power Monitoring Enable Bit. Similar to
Bit <3> for ADC Port A.
INPUT PORT REGISTER MAP
ADC Input Control Register <27:0>
These bits are general control bits for the ADC input logic.
<27>: PN Active Bit. When this bit is set, the pseudorandom
number generator is active. When this bit is cleared, the PN
generator is disabled and the seed is set to its default value.
<26>: EXP Lock Bit. When this bit is set along with the PN
active bit, then the EXP signal for pseudorandom input is
locked to 000 (giving full-scale input). When this bit is cleared,
EXP bits for pseudorandom input are randomly generated input
data bits.
<25>: Port C Complex Data Active Bit. When this bit is set, the
data inputs on Ports C and D are interpreted as complex inputs
(Port C for the in-phase signal and Port D for the quadrature
phase signal). This complex input is passed on as the input from
ADC Port C. When this bit is cleared, the data on ADC Port C
and ADC Port D interpreted as real and independent input.
Note that complex input mode is available only in CMOS input
mode.
<24>: Port A Complex Data Active Bit. When this bit is set, the
data input on Ports A and B is interpreted as complex input
(Port A for the in-phase signal and Port B for the quadrature
phase signal). This complex input is passed on as input from
ADC Port A. When this bit is cleared, the data on ADC Port A
and ADC Port B is interpreted as real and independent input.
Note that complex input mode is available only in CMOS input
mode.
<23>: Channel 5 Complex Data Input Bit. When this bit is set,
Channel 5 gets complex input data from the source that is
selected by the crossbar mux select bits. When this bit is cleared,
Channel 5 receives real input data. (See Table 31.)
<22:20>: Channel 5 Crossbar Mux Select Bits. These bits select
the source of input data for Channel 5. (See Table 31.)
Table 31. Channel 5 Input Configuration
Complex Data
Input Bit
Crossbar Mux
Select Bits
Configuration
0
000
ADC Port A drives input
(real).
0
001
ADC Port B drives input
(real).
0
010
ADC Port C drives input
(real).
0
011
ADC Port D drives input
(real).
0
100
PN sequence drives input
(real).
1
000
Ports A and B drive
complex input.
1
001
Ports C and D drive
complex input.
1
010
PN sequence drives
complex input.
<19>: Channel 4 Complex Data Input Bit. Similar to Bit <23>
for Channel 4.
<18:16>: Channel 4 Crossbar Mux Select Bits. Similar to Bits
<22:20> for Channel 4.
<15>: Channel 3 Complex Data Input Bit. Similar to Bit <23>
for Channel 3.
<14:12>: Channel 3 Crossbar Mux Select Bits. Similar to Bits
<22:20> for Channel 3.
<11>: Channel 2 Complex Data Input Bit. Similar to Bit <23>
for Channel 2.
<10:8>: Channel 2 Crossbar Mux Select Bits. Similar to Bits
<22:20> for Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com