Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4088GS
Description  198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4088GS Datasheet HTML 1Page - Monolithic Power Systems MP4088GS Datasheet HTML 2Page - Monolithic Power Systems MP4088GS Datasheet HTML 3Page - Monolithic Power Systems MP4088GS Datasheet HTML 4Page - Monolithic Power Systems MP4088GS Datasheet HTML 5Page - Monolithic Power Systems MP4088GS Datasheet HTML 6Page - Monolithic Power Systems MP4088GS Datasheet HTML 7Page - Monolithic Power Systems MP4088GS Datasheet HTML 8Page - Monolithic Power Systems MP4088GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
EV4088-S-00A – HIGH LINE VOLTAGE, 5.5W LOW COST DIMMABLE LED DRIVER
EV4088-S-00A Rev.1.0
www.MonolithicPower.com
2
12/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV4088-S-00A EVALUATION BOARD
(L x W x H) 35mm x 22.5mm x 20mm
Board Number
MPS IC Number
EV4088-S-00A
MP4088GS
EVALUATION BOARD SCHEMATIC
L
N
600V/0.5A
MB6S
BD1
198VAC-265VAC
ES1J/600V/1A
D1
C6
2.2/1206/1%
R10
C5
LED+
LED-
33k/1%
R8
1M/0.25W
R9
300k/0805
R11
EE10/2mH
L3
GND
55V/100mA
GND
DSF1J
600V/1A
D4
100/1W
R1
100/1W
R2
C1
33nF/400V
C2
68nF/450V
4.7mH
L1
5.11k/0805
R3
510/1W
R7
C4
150nF/450V
5.11k/0805
R4
4.7mH
L2
WSGC10MH
1000V/1A
D3
20k/2W
R6
WSGC10MH
1000V/1A
D2
1M/0.25W
R5
C3
HV
8
GND
6
VCC
1
GND
2
OVF
3
CS
4
GND
5
U1
MP4088GS
3.3/1206/1%
R12
Figure 1—Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com