Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4088GS
Description  198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4088GS Datasheet HTML 1Page - Monolithic Power Systems MP4088GS Datasheet HTML 2Page - Monolithic Power Systems MP4088GS Datasheet HTML 3Page - Monolithic Power Systems MP4088GS Datasheet HTML 4Page - Monolithic Power Systems MP4088GS Datasheet HTML 5Page - Monolithic Power Systems MP4088GS Datasheet HTML 6Page - Monolithic Power Systems MP4088GS Datasheet HTML 7Page - Monolithic Power Systems MP4088GS Datasheet HTML 8Page - Monolithic Power Systems MP4088GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
EV4088-S-00A – HIGH LINE VOLTAGE, 5.5W LOW COST DIMMABLE LED DRIVER
EV4088-S-00A Rev.1.0
www.MonolithicPower.com
5
12/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV4088-S-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacture_P/N
1
BD1
MB6S
Rectifier Bridge,
600V,0.5A
SOIC-4
Taiwan
Semiconductor
MB6S
1
C1
33nF/400V
Capacitor,400V,CBB
DIP
Ponasonic
ECQE400VDC333K
1
C2
68nF/450V
Capacitor,450V,CBB
DIP
Fala
C222S683J30C000
1
C3
1µF/400V
Electrolytic Capacitor,
400V
DIP
Rubycon
400LLE1MEFC6.3X11
1
C4
150nF/450V
Capacitor,450V,CBB
DIP
Fala
C222S154K30C000
1
C5
10μF/10V
Ceramic Capacitor,
10V,X7R
0805
Murata
GRM21BR71A106ME51L
1
C6
150μF/63V
Electrolytic Capacitor,
63V
DIP
YMIN
LK 150uF/63V
1
D1
ES1J
Diode,1A,600V
SMA
TOSHIBA
ES1J
2
D2,D3
WSGC10MH Diode,1A,1000V
1206
ZOWIE
WSGC10MH
1
D4
DSF1J
Diode,1A,600V
SOD-123
SXY
DSF1J
2
L1,L2
4.7mH
Inductor,4.7mH
DIP
Bangdayuan
CKL0510-472
1
L3
2mH
Inductor,Φ0.18mm,
277 turns
EE10
Emei
FX0424
2
R1,R2
100Ω/1W
Resistor,5%,1W
DIP
Any
100Ohm/1W
2
R3,R4
5.11kΩ
Thick Film Chip Res,
1%
0805
Royalohm
0805F5111T5E
2
R5,R9
1M/0.25W
Resistor,0.25W
DIP
Any
1M/0.25W
1
R6
20kΩ/2W
Resistor,5%,2W
DIP
Any
20kΩ/2W
1
R7
510Ω/1W
Resistor,5%,1W
DIP
Any
510Ω/1W
1
R8
33kΩ
Film Resistor,1%
0603
Yageo
RC0603FR-0733KL
1
R10
2.2Ω
Film Resistor,1%
1206
Yageo
RC1206FR-072R2L
1
R11
300kΩ
Film Resistor,1%
0805
Yageo
RC0805FR-07300KL
1
R12
3.3Ω
Film Resistor,1%
1206
Yageo
RC1206FR-073R3L
1
U1
MP4088GS
Triac-dimmable
LED
Lighting Controller
SOIC8LD-
7
MPS
MP4088GS R5
4
L,N,
+,—
1.0 公针
1.0 公针



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com