Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4088GS
Description  198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4088GS Datasheet HTML 1Page - Monolithic Power Systems MP4088GS Datasheet HTML 2Page - Monolithic Power Systems MP4088GS Datasheet HTML 3Page - Monolithic Power Systems MP4088GS Datasheet HTML 4Page - Monolithic Power Systems MP4088GS Datasheet HTML 5Page - Monolithic Power Systems MP4088GS Datasheet HTML 6Page - Monolithic Power Systems MP4088GS Datasheet HTML 7Page - Monolithic Power Systems MP4088GS Datasheet HTML 8Page - Monolithic Power Systems MP4088GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EV4088-S-00A – HIGH LINE VOLTAGE, 5.5W LOW COST DIMMABLE LED DRIVER
EV4088-S-00A Rev.1.0
www.MonolithicPower.com
4
12/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
CIRCUIT DESCRIPTION
The EV4088-S-00A is configured in a single-
stage Buck-boost topology and gets a cost
effective BOM. It also achieves high power factor
and excellent TRIAC dimming performance.
R1, R2, and BD1 compose the input stage. The
resistors R1, R2 are used as a passive damper
of dimming. The diode rectifier BD1 rectifies the
input line voltage.
L1, L2, R3, R4, C1 and C2 form a π EMI filter.
R5, C3, and D2 form a RCD snubber to obtain
good surge test performance, the surge spike
energy will be absorbed by the electrolytic cap
C3.
R7, C4 are used as a bleeder which keeping the
TRIAC current above the minimum holding
current after leading edge dimmer turns on. The
D3, R6 are used to reduce the big capacitance
influence after trailing edge dimmer turns off and
improve the trailing edge dimming.
C5 is used to supply the power for MP4088. The
power is charged by the internal high voltage
regulator from HV pin.
R8 and R9 are used to monitor the output OVP
condition. The OVP voltage is set by the divider
ratio of R8 and R9.
R10, R12 are sensing resistors for LED current
control. The value of R10 and R12 set the output
LED current.
Diode D1 is the Buck-boost fly-wheel diode, the
inductor L3 and the capacitor C6 are the output
filter. The resistor R11 is placed as a dummy
load to consume the output power in open load
condition. The diode D4 is used to prevent the
output current flowing back to IC when input Sine
voltage drops lower than output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com