Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4088GS
Description  198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4088GS Datasheet HTML 4Page - Monolithic Power Systems MP4088GS Datasheet HTML 5Page - Monolithic Power Systems MP4088GS Datasheet HTML 6Page - Monolithic Power Systems MP4088GS Datasheet HTML 7Page - Monolithic Power Systems MP4088GS Datasheet HTML 8Page - Monolithic Power Systems MP4088GS Datasheet HTML 9Page - Monolithic Power Systems MP4088GS Datasheet HTML 10Page - Monolithic Power Systems MP4088GS Datasheet HTML 11Page - Monolithic Power Systems MP4088GS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
EV4088-S-00A – HIGH LINE VOLTAGE, 5.5W LOW COST DIMMABLE LED DRIVER
EV4088-S-00A Rev.1.0
www.MonolithicPower.com
8
12/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance Data
Efficiency, PF and THD
f (Hz)
Vin (V)
Pin (W)
Vo(V)
Io (mA)
Po (W)
Efficiency (%)
PF
198
6.89
55.80
96
5.36
77.71
0.886
210
7.08
55.90
98
5.48
77.38
0.870
220
7.23
55.90
100
5.59
77.32
0.858
230
7.38
55.90
102
5.70
77.26
0.847
240
7.51
55.90
103
5.76
76.67
0.835
250
7.68
56.00
105
5.88
76.56
0.823
260
7.78
56.00
106
5.94
76.30
0.813
50
265
7.87
56.00
107
5.99
76.14
0.807
Dimming Compatibility (No Flicker with these 25different Dimmers)
Dimmer NO.
Manufacturer
Part No.
Power Stage
Dimming Type
Imax (mA)
Imin(mA)
1
MIKA
433/4
60-400W
Leading
91
34
2
Busch
2250U
600W
Leading
97
17
3
Berker
283010
60-400W
Leading
95
23
4
JUNG
225 NV DE
20-500W/VA
Leading
93
13
5
Berker
286610
20-500W
Leading
95
21
6
JUNG
266 GDE
60-600W
Leading
95
19
7
Berker
2875
60-600W
Leading
95
17
8
JUNG
225 NV DE
20-500W/VA
Leading
95
20
9
Berker
2819
60-400W
Leading
92
36
10
MIKA
433
60-300
Leading
91
35
11
GIRA
0300 00/I01
60-400W
Leading
89
40
12
TELLER
40600RL
40-600W
Leading
90
18
13
Busch
2247U
500W/VA
Leading
94
21
14
EMC
PROP400U
40-400W
Leading
91
17
15
Busch
2200..
60-400W
Leading
95
26
16
LICHTREGLER
T46s
20~315W
Trailing
94
31
17
Busch
6513 U-102
420W/VA
Trailing
100
39
18
MIKA
433 HAB
20-315W
Trailing
92
27
19
MIKA?
EIM-585
20-300W
Trailing
89
9
20
Busch
6519U
550W/VA
Trailing
99
38
21
JUNG
225 TDE
20-525W
Trailing
96
29
22
SIEMENS
5TC8 284
20-600W
Trailing
98
36
23
JUNG
254 UDIE 1
50-420W/VA
Trailing
97
37
24
Berker
286110
50-420W
Trailing
97
37
25
MIKA
433HAB
20-315W
Trailing
86
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com