Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4088GS
Description  198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4088GS Datasheet HTML 5Page - Monolithic Power Systems MP4088GS Datasheet HTML 6Page - Monolithic Power Systems MP4088GS Datasheet HTML 7Page - Monolithic Power Systems MP4088GS Datasheet HTML 8Page - Monolithic Power Systems MP4088GS Datasheet HTML 9Page - Monolithic Power Systems MP4088GS Datasheet HTML 10Page - Monolithic Power Systems MP4088GS Datasheet HTML 11Page - Monolithic Power Systems MP4088GS Datasheet HTML 12Page - Monolithic Power Systems MP4088GS Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
EV4088-S-00A – HIGH LINE VOLTAGE, 5.5W LOW COST DIMMABLE LED DRIVER
EV4088-S-00A Rev.1.0
www.MonolithicPower.com
10
12/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN=230VAC/50Hz, 18 LEDs in series, ILED=100mA, VOUT=55V.
9kHz
1 PK
CLRWR
2 AV
CLRWR
SGL
TDS
6DB
30 MHz
9kHz
1 PK
CLRWR
2 AV
CLRWR
SGL
TDS
6DB
30 MHz
SGL
TDE
6DB
1 PK
CLRWR
2 AV
CLRWR
30 MHz
300 MHz
120
110
100
90
80
70
60
50
40
30
20
10
0
EN55015Q
EN55015A
100 kHz
1 MHz
10 MHz
100 kHz
1 MHz
10 MHz
120
110
100
90
80
70
60
50
40
30
20
10
0
EN55015Q
EN55015A
100 MHz
CDN QP
120
110
100
90
80
70
60
50
40
30
20
10
0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
198 208 218 228 238 248 258
198 208 218 228 238 248 258
198 208 218 228 238 248 258
198 208 218 228 238 248 258
71.0
72.0
73.0
74.0
75.0
76.0
77.0
78.0
79.0
0.70
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.86
0.88
0.90
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0
20
40
60
80
100
120
0 20 40 60 80 100 120 140 160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com