Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4088GS
Description  198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4088GS Datasheet HTML 1Page - Monolithic Power Systems MP4088GS Datasheet HTML 2Page - Monolithic Power Systems MP4088GS Datasheet HTML 3Page - Monolithic Power Systems MP4088GS Datasheet HTML 4Page - Monolithic Power Systems MP4088GS Datasheet HTML 5Page - Monolithic Power Systems MP4088GS Datasheet HTML 6Page - Monolithic Power Systems MP4088GS Datasheet HTML 7Page - Monolithic Power Systems MP4088GS Datasheet HTML 8Page - Monolithic Power Systems MP4088GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
EV4088-S-00A
198VAC~265VAC/50Hz, 55V/100mA
Low Cost, Small form Factor, High PFC
Off-line Dimmable LED Driver Evaluation Board
EV4088-S-00A Rev.1.0
www.MonolithicPower.com
1
12/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV4088-S-00A
Evaluation
Board
is
designed to demonstrate the capabilities of
MP4088. The MP4088 is a highly integrated
TRIAC dimmable LED driver with high power
factor. It is specifically designed for high-line
input (230VAC), no-isolated, TRIAC-dimmable
LED lighting applications, especially for the low
cost and small form factor applications.
The MP4088 integrates a 500V MOSFET. Only
a single winding inductor is required to realize
the solution. It features MPS’s proprietary
hybrid operation mode which is designed to
achieve good dimming performance.
The EV4088-S-00A is typically designed for
driving a 5.5W TRIAC dimmable LED bulb with
55VTYP, 100mA LED load from 198VAC to
265VAC, 50Hz.
The EV4088-S-00A has an excellent efficiency
and
meets
IEC61547
surge
immunity,
IEC61000-3-2
Class
C
harmonics
and
EN55015 conducted EMI requirements. It has
multi-protection
function
as
over-voltage
protection;
output
short-circuit
protection,
thermal shut down, etc.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
198 to 265
VAC
Output Voltage
VOUT
55
V
LED Current
ILED
100
mA
Output Power
POUT
5.5
W
Efficiency (full load)
η
>76
%
Power Factor
PF
>0.80
THD
THD
<50.3
%
FEATURES
• Excellent TRIAC Dimming Performance
• Lowest Cost BOM
• Constant Current LED Driver
• Good LED Current Accuracy
• 500V MOSFET Integrated
• Internal HV Fast Start-Up
• Single Winding Inductor
• High Power Factor(>0.80)
• LED Current Foldback at High Temperature
• Thermal Shutdown (Auto Restart with
Hysteresis)
• VCC Under Voltage Lockout with Hysteresis
(UVLO)
• Programmable Over Voltage Protection
• Output Short Circuit Protection
• Fit inside GU10 Bulb Enclosure
APPLICATIONS
• Solid State Lighting
• Industrial & Commercial Lighting
• Residential Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS
green status, please visit MPS website under Quality Assurance. “MPS” and
“The Future of Analog IC Technology”, are Registered Trademarks of
Monolithic Power Systems, Inc.
Warning: Although this board is designed to satisfy safety
requirements, the engineering prototype has not been
agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the
prototype board.


Similar Part No. - MP4088GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4088GS MPS-MP4088GS Datasheet
1Mb / 20P
Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
More results

Similar Description - MP4088GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV020-5-S-00B MPS-EV020-5-S-00B Datasheet
725Kb / 19P
85VAC~265VAC/50Hz, 12V/0.7A Off-line Primary-Side-Regulator Home Appliances Evaluation Board
EV020-5-S-00C MPS-EV020-5-S-00C Datasheet
1Mb / 16P
85VAC~265VAC/50Hz, 12V/0.3A, 5V/0.1A Off-line Primary-side-Regulator, Dual Outputs Evaluation Board for Small Appliances
EV4033-K-00A MPS-EV4033-K-00A Datasheet
616Kb / 14P
198VAC~265VAC/50Hz, 24V/420mA Primary-side-control with Active PFC Off-line Dimmable LED Driver Evaluation Board
EV4034-S-00B MPS-EV4034-S-00B Datasheet
1,014Kb / 15P
85VAC-265VAC/50Hz, 10V/350mA Primary-Side-Controlled, Offline, LED Driver Evaluation Board
EV4034-S-00C MPS-EV4034-S-00C Datasheet
422Kb / 15P
85VAC~265VAC/50Hz, 40V/150mA Non-Isolation Off-line LED Driver Evaluation Board
EV4034-S-00D MPS-EV4034-S-00D Datasheet
434Kb / 15P
85VAC~265VAC/50Hz, 10V/350mA Non-Isolation Off-line LED Driver Evaluation Board
EV4056-K-00A MPS-EV4056-K-00A Datasheet
375Kb / 15P
198VAC~265VAC/50Hz, 48V/340mA Low Cost, Non-isolated with Active PFC TRIAC Dimmable LED Driver Evaluation Board
EV4088-N-00A MPS-EV4088-N-00A Datasheet
1Mb / 14P
198VAC~265VAC/50Hz, 60V/135mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
EV4068-S-00A MPS-EV4068-S-00A Datasheet
986Kb / 14P
108VAC~132VAC/60Hz, 50V/140mA Low Cost, Small Form Factor High PFC Off-line Dimmable LED Driver Evaluation Board
EVX2001-Y-00B MPS-EVX2001-Y-00B Datasheet
794Kb / 15P
90VAC~265VAC/50Hz/60Hz, 12V/5A Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com