Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4088GS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4088GS
Description  198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088GS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4088GS Datasheet HTML 5Page - Monolithic Power Systems MP4088GS Datasheet HTML 6Page - Monolithic Power Systems MP4088GS Datasheet HTML 7Page - Monolithic Power Systems MP4088GS Datasheet HTML 8Page - Monolithic Power Systems MP4088GS Datasheet HTML 9Page - Monolithic Power Systems MP4088GS Datasheet HTML 10Page - Monolithic Power Systems MP4088GS Datasheet HTML 11Page - Monolithic Power Systems MP4088GS Datasheet HTML 12Page - Monolithic Power Systems MP4088GS Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
EV4088-S-00A – HIGH LINE VOLTAGE, 5.5W LOW COST DIMMABLE LED DRIVER
EV4088-S-00A Rev.1.0
www.MonolithicPower.com
12
12/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN=230VAC/50Hz, 18 LEDs in series, ILED=100mA, VOUT=55V.
IINDUCTOR
200mA/div.
ILED
200mA/div.
VHV_LED+
100V/div.
VCS_LED+
200V/div.
IINDUCTOR
200mA/div.
ILED
200mA/div.
VHV_LED+
100V/div.
VCS_LED+
200V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com