Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC6946
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 19Page - Linear Technology LTC6946 Datasheet HTML 20Page - Linear Technology LTC6946 Datasheet HTML 21Page - Linear Technology LTC6946 Datasheet HTML 22Page - Linear Technology LTC6946 Datasheet HTML 23Page - Linear Technology LTC6946 Datasheet HTML 24Page - Linear Technology LTC6946 Datasheet HTML 25Page - Linear Technology LTC6946 Datasheet HTML 26Page - Linear Technology LTC6946 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
LTC2000A
23
2000afb
For more information www.linear.com/LTC2000A
OPERATION
R/W
READ/WRITE
REGISTER ADDRESS
COMMAND BYTE
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
DATA BYTE
2000A F05
Figure 5. SPI Command and Data Input
Serial Peripheral Interface (SPI)
The LTC2000A uses an SPI/MICROWIRE-compatible
3-wire serial interface to configure and read back internal
registers. The SVDD pin is the power supply for the SPI
interface (nominally 1.8V or 3.3V). The CS input is level
triggered. When this input is taken low, it acts as a chip-
select signal, enabling the SDI and SCK buffers and the
SPI input register. After the falling edge of CS, the first
data byte clocked into SDI by the rising edges of SCK is
the command byte. The first bit of the command byte
signifies a read (R/W = 1) or write (R/W = 0) operation.
The next seven bits contain the register address, which
completes the command byte.
The next byte transferred after the command byte is the
data byte. For write operations, the data byte is written to
the SPI register specified by the register address set in
the command byte. During read operations, the data byte
is ignored, and the contents of the selected SPI register
are clocked out onto the SDO pin by the falling edges of
SCK. During write operations, SDO will be low. When CS
goes high, SDO is high impedance. Figure 5 shows the
SPI command and data input.
Users wishing to transfer multiple bytes of data at once
may do so, with the address for each subsequent byte
automatically incremented internally. The address will
continue to increment until CS goes high or until address
bits A[4:0] reach 0x1F, after which subsequent bytes will
continue to be written to the same address.
Reserved address and bit locations should not be written
with any value other than zero. Table 11 contains a full
description of all internal SPI registers and can be found
in the SPI Register Summary section.
Power-On Reset
Theinternalpower-onresetcircuitwillresettheLTC2000A
upon power up and clear the output to mid-scale when
power is first applied, making system initialization con-
sistent and repeatable. All internal registers are reset to
0x00, with the exception of register address 0x08, which
resets to 0x08. A software reset can also be applied by
using the SPI interface to load 0x01 into register address
0x01, setting SW_RST to 1 (see Table 1). Note that the
SW_RST bit is automatically cleared when CS returns
high. It is recommended that users perform a software
reset once all power supplies are stable.
Power Down
Users wishing to save power when the DAC is not being
used may reduce the supply current to less than 440µA by
pulling the PD pin to GND or by writing to register 0x01
to set FULL_PD = 1. Alternatively, users may power down
unused portions of the chip individually using DAC_PD,
CK_PD, DCKO_DIS, DCKI_EN, DA_EN, and DB_EN in
registers 0x01, 0x02, 0x03, and 0x04 (see Table 1).
Reference Operation
The LTC2000A has a 1.25V internal bandgap voltage ref-
erence that drives the REFIO pin through a 10k internal
resistor, and should be buffered if driving any additional
external load. For noise performance, a 0.1µF capacitor
to GND is recommended on the REFIO pin, but is not
required for stability.
Inthecasewhereanexternalreferencewouldbepreferred,
the external reference is simply applied to the REFIO pin
and overdrives the internal reference. The acceptable
external reference range is 1.1V to 1.4V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com