Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC6946
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 30Page - Linear Technology LTC6946 Datasheet HTML 31Page - Linear Technology LTC6946 Datasheet HTML 32Page - Linear Technology LTC6946 Datasheet HTML 33Page - Linear Technology LTC6946 Datasheet HTML 34Page - Linear Technology LTC6946 Datasheet HTML 35Page - Linear Technology LTC6946 Datasheet HTML 36Page - Linear Technology LTC6946 Datasheet HTML 37Page - Linear Technology LTC6946 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
LTC2000A
34
2000afb
For more information www.linear.com/LTC2000A
SPI REGISTER SUMMARY
ADDRESS
BIT
NAME
DESCRIPTION
RESET
VALUE
R/W
0x00
[7:0]
Reserved
Reserved
0x01
0
SW_RST
Software Reset. SW_RST = 1 resets all registers.
0
R/W
1
DAC_PD
DAC Power Down. DAC_PD = 1 to power down DAC core.
0
R/W
2
FULL_PD
Full Power Down. FULL_PD = 1 to power down LTC2000A.
0
R/W
3
Reserved
Reserved
[5:4]
DAC_RES
DAC Resolution Indicator. DAC_RES = 00 for LTC2000A-16. DAC_RES = 01 for LTC2000A-14.
DAC_RES = 11 for LTC2000A-11. Note that for PD = GND or FULL_PD = 1, DAC_RES = 00.
DAC_RES is read only.
00-16b
01-14b
11-11b
R
[7:6]
Reserved
Reserved
0x02
0
CK_PD
CKP/N Clock Receiver Power Down. CK_PD = 1 disables
0
R/W
1
CK_OK
CKP/N Clock Present Indicator. CK_OK = 1 clock present
0
R
[3:2]
Reserved
Reserved
4
DCKO_DIS
DCKOP/N Output Disable. DCKO_DIS = 1 disables
0
R/W
5
DCKO_DIV
DCKOP/N Divide Select. (0 = fDAC/4, 1 = fDAC/2).
0
R/W
6
DCKO_ISEL DCKOP/N Output Current Select. (0=3.5mA, 1 = 7mA)
0
R/W
7
DCKO_TRM DCKOP/N Internal Termination On. DCKO_TRM = 1 enables internal 100 termination
0
R/W
0x03
0
DCKI_EN
DCKIP/N Clock Receiver Enable. DCKI_EN = 1 enables.
0
R/W
1
DCKI_OK
DCKIP/N Clock Present Indicator. DCKI_OK = 1 indicates clock present
0
R
2
DCKI_Q
DCKIP/N Quadrature Phase Select. (0 = In Phase, 1 = Quadrature)
0
R/W
3
Reserved
Reserved
[6:4]
DCKI_TADJ DCKIP/N Delay Adjust. (See Table 4)
000
R/W
7
Reserved
Reserved
0x04
0
DA_EN
Port A LVDS Receiver Enable. DA_EN = 1 enables
0
R/W
1
DB_EN
Port B LVDS Receiver Enable. DB_EN = 1 enables
0
R/W
2
DATA_SP
Port Mode Select. (0 = Dual port, 1 = Single port)
0
R/W
3
DATA_EN
DAC Data Enable. DATA_EN = 0 forces DAC output to mid-scale.
0
R/W
[7:4]
Reserved
Reserved
0x05
[1:0]
SYNC_PS
Clock Synchronizer Phase Select.
00
R/W
2
SYNC_MSYN Clock Synchronizer Manual Mode Select.
SYNC_MSYN = 0: SYNC_PS is set automatically.
SYNC_MSYN = 1: SYNC_PS is set by the user.
0
R/W
[7:3]
Reserved
Reserved
0x06
[7:0]
SYNC_PH
Clock Phase Comparator Outputs. (See Table 6)
0x00
R
0x07
0
LIN_DIS
Dynamic Linearization Disable. LIN_DIS = 1 disables.
0
R/W
[3:1]
LIN_GN
Dynamic Linearization Gain Select. (See Table 7)
000
R/W
[7:4]
Reserved
Reserved
0x08
[3:0]
LIN_VMX
Dynamic Linearization Max IOUTP/N Voltage Select. (See Table 7)
1000
R/W
[7:4]
LIN_VMN
Dynamic Linearization Min IOUTP/N Voltage Select. (See Table 7)
0000
R/W
Table 11. SPI Register List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com