Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC6946
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 32Page - Linear Technology LTC6946 Datasheet HTML 33Page - Linear Technology LTC6946 Datasheet HTML 34Page - Linear Technology LTC6946 Datasheet HTML 35Page - Linear Technology LTC6946 Datasheet HTML 36Page - Linear Technology LTC6946 Datasheet HTML 37Page - Linear Technology LTC6946 Datasheet HTML 38Page - Linear Technology LTC6946 Datasheet HTML 39Page - Linear Technology LTC6946 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
LTC2000A
36
2000afb
For more information www.linear.com/LTC2000A
APPLICATIONS INFORMATION
10. Apply desired data pattern to ports A and B (DAP/N,
DBP/N) for dual-port mode, or only to port B for
single-port mode. Port A samples will precede port B
samples at the DAC output when using dual-port
mode.
Output Configurations
TheLTC2000A’scomplementarycurrentoutputs(IOUTP/N)
source current into an external load referenced to GND.
Outputloadconfiguration,componentselection,andlayout
are critical to the performance of the LTC2000A. For best
AC performance, the output stages should be configured
for differential (or balanced) operation.
A differential resistor loaded output is a very simple output
stage.WellmatchedresistorsareconnectedbetweenGND
and IOUTP/N, with the resistance values setting both the
output swing and non-zero output common-mode voltage
(Figure 9). While it is economical, this type of output stage
can drive only differential loads with impedance levels and
amplitudes appropriate for the DAC outputs.
Differential transformer-coupled output configurations
usually give the best AC performance and provide excel-
lent rejection of common mode distortion and noise over
a broad frequency range. Figure 10 shows a transformer
output configuration that uses a Mini-Circuits TC1-1-13M
and a JTX-2-10T RF transformer for differential to single-
ended conversion.
IOUTP
R
R
2000A F09
LTC2000A
IOUTN
Figure 9. Differential Resistor Output Load
Figure 10. Transformer-Based Output Configuration
for Differential to Single-Ended Conversion
IOUTP
2000A F10
LTC2000A
MINI-CIRCUITS
TC1-1-13M
MINI-CIRCUITS
JTX-2-10T
•
•
IOUTN
• •
For any output configuration, any imbalances in the output
impedance between the IOUTP and IOUTN pins results in
asymmetrical signal swings that lead to distortion (mostly
even order). Careful consideration is needed to select the
best output configuration for a given application.
Generating the DAC Sample Clock
For best AC performance, it is important that the DAC
sample clock waveforms be clean, with low phase noise
and good jitter performance, as the phase noise and spuri-
ous content of the clock source will appear directly in the
DAC output spectrum.
A differential clock should be AC coupled onto the CKP/N
pins, since the DC bias point of CKP/N is set internally to
1V through a 5k impedance. Figure 11 shows the DAC
sample clock receiver input and common-mode voltage
control. While the differential input voltage range of the
clock receiver spans from ±300mV to ±1.8V, a signal with
the highest possible slew rate and amplitude and a bal-
anced duty cycle is recommended. Traces that carry the
differential clock signal need to have accurately controlled
impedance and accurate termination as close to the CKP/N
pins of the LTC2000A as possible.
There are several ways to generate the DAC sample clock.
For lab evaluation and testing, a high quality RF signal
generator can provide a clean high frequency sine wave
that is converted to the DAC sample clock with a 1:1 RF
transformer or balun (see Figure 12).
Figure 11. DAC Sample Clock Receiver
5k
AVDD18
1V
LTC2000A
5k
CKP
CKN
GND
2000A F11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com