Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC6946
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 31Page - Linear Technology LTC6946 Datasheet HTML 32Page - Linear Technology LTC6946 Datasheet HTML 33Page - Linear Technology LTC6946 Datasheet HTML 34Page - Linear Technology LTC6946 Datasheet HTML 35Page - Linear Technology LTC6946 Datasheet HTML 36Page - Linear Technology LTC6946 Datasheet HTML 37Page - Linear Technology LTC6946 Datasheet HTML 38Page - Linear Technology LTC6946 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
LTC2000A
35
2000afb
For more information www.linear.com/LTC2000A
SPI REGISTER SUMMARY
ADDRESS
BIT
NAME
DESCRIPTION
RESET
VALUE
R/W
0x09
[5:0]
GAIN_ADJ
DAC Gain Adjustment. (See Table 2)
0x00
R/W
[7:6]
Reserved
Reserved
0x0A Thru
0x17
[7:0]
Reserved
Reserved
0x18
0
LMX_MSEL LVDS Test MUX Select. (See Table 8)
0
R/W
[5:1]
LMX_ADR
LVDS Test MUX Address Select. (See Table 8)
0x00
R/W
6
LMX_EN
LVDS Test MUX Enable. LMX_EN = 1 enables LVDS text MUX. Ensure TDIO_EN = 0 when
LMX_EN = 1.
7
Reserved
Reserved
0x19
0
TDIO_EN
TSTP/N Junction Temperature Diode Enable.
TDIO_EN = 1 enables temperature (TJ) measurement.
Ensure LMX_EN = 0 when TDIO_EN = 1.
0
R/W
1
TDIO_SEL
Junction Temperature Select. TDIO_SEL = 0 uses a diode-connected unbiased NPN transistor.
TDIO_SEL = 1 outputs a voltage to calculate internal die temperature using:
TJ = 25°C + (2.02V – VTSTP)/(5.5mV/°C). (See Table 9)
0
R/W
[7:2]
Reserved
Reserved
0x1A Thru
0x1D
[7:0]
Reserved
Reserved
0x1E
0
PGEN_EN
Pattern Generator Enable. PGEN_EN = 1 enables.
0
R/W
[7:1]
Reserved
Reserved
0x1F
[7:0]
PGEN_D
Pattern Generator Data.
0x00
R/W
0x20 Thru
0x7F
[7:0]
Reserved
Reserved
Table 11. SPI Register List (cont)
APPLICATIONS INFORMATION
Sample Start-Up Sequence
The following is an example of a common start-up
sequence.
1. Apply valid supply voltages to AVDD33, DVDD33,
AVDD18, DVDD18 and SVDD.
2. Write 0x01 to address 0x01 to perform a software
reset.
3. Apply a clock to CKP/N at the desired fDAC frequency.
The LTC2000A will generate a clock at DCKOP/N at
fDAC/4.
4. Apply a clock to DCKIP/N at fDAC/4fordual-portmode
or fDAC/2 for single-port mode.
5. Apply zeroes to ports A and B (DAP/N, DBP/N) for
dual-portmode,oronlytoportBforsingle-portmode.
6. Write to address 0x03 to enable the DCKIP/N LVDS
receiver. Set address 0x03 to 0x01 if the LVDS clock
(DCKI)anddata(DA,DB)areinphasewitheachother.
Set address 0x03 to 0x05 if they are in quadrature.
7. Write 0x03 to address 0x04 for dual-port mode, or
write 0x06 to address 0x04 for single-port mode to
enable the DAP/N and DBP/N LVDS receivers.
8. Wait at least 1ms for the synchronizer to finish
initializing.
9. Write 0x0B to address 0x04 for dual-port mode, or
write 0x0E to address 0x04 for single-port mode to
set DATA_EN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com