Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 52 Page - Linear Technology

Part # LTC6946
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 52 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 46Page - Linear Technology LTC6946 Datasheet HTML 47Page - Linear Technology LTC6946 Datasheet HTML 48Page - Linear Technology LTC6946 Datasheet HTML 49Page - Linear Technology LTC6946 Datasheet HTML 50Page - Linear Technology LTC6946 Datasheet HTML 51Page - Linear Technology LTC6946 Datasheet HTML 52Page - Linear Technology LTC6946 Datasheet HTML 53Page - Linear Technology LTC6946 Datasheet HTML 54Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
LTC2000A
52
2000afb
For more information www.linear.com/LTC2000A
PACKAGE DESCRIPTION
S
R
Q
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
10
9
8
7
PACKAGE TOP VIEW
4
PIN “A1”
CORNER
Y
X
aaa Z
aaa Z
DETAIL A
PACKAGE BOTTOM VIEW
3
SEE NOTES
PIN 1
BGA Package
170-Lead (15.00mm
× 9.00mm × 1.54mm)
(Reference LTC DWG# 05-08-1890 Rev C)
BGA 170 0517 REV C
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
BALL DESIGNATION PER JESD MS-028 AND JEP95
4
3
DETAILS OF PIN #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PIN #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
DETAIL A
Øb (170 PLACES)
A
DETAIL B
PACKAGE SIDE VIEW
M
X Y
Z
ddd
M Z
eee
A2
D
E
e
e
b
F
G
SUGGESTED PCB LAYOUT
TOP VIEW
0.00
3.20
3.20
6.40
4.00
4.00
4.80
4.80
5.60
5.60
6.40
0.80
0.80
1.60
1.60
2.40
2.40
5.35
5.85
LTXXXXXX
b
0.40 ±0.025 Ø 170x
6
SEE NOTES
SYMBOL
A
A1
A2
b
b1
D
E
e
F
G
H1
H2
aaa
bbb
ccc
ddd
eee
MIN
1.39
0.35
1.04
0.45
0.37
0.39
0.65
NOM
1.54
0.40
1.14
0.50
0.40
15.00
9.00
0.80
12.80
7.20
0.44
0.70
MAX
1.69
0.45
1.24
0.55
0.43
0.49
0.75
0.15
0.10
0.12
0.15
0.08
TOTAL NUMBER OF BALLS: 170
DIMENSIONS
NOTES
BALL HT
BALL DIMENSION
PAD DIMENSION
SUBSTRATE THK
MOLD CAP HT
5. PRIMARY DATUM -Z- IS SEATING PLANE
6
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY
!
DETAIL B
SUBSTRATE
A1
ccc Z
H2
H1
b1
MOLD
CAP
Please refer to http://www.linear.com/product/LTC2000A#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com