Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 41 Page - Linear Technology

Part # LTC6946
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 37Page - Linear Technology LTC6946 Datasheet HTML 38Page - Linear Technology LTC6946 Datasheet HTML 39Page - Linear Technology LTC6946 Datasheet HTML 40Page - Linear Technology LTC6946 Datasheet HTML 41Page - Linear Technology LTC6946 Datasheet HTML 42Page - Linear Technology LTC6946 Datasheet HTML 43Page - Linear Technology LTC6946 Datasheet HTML 44Page - Linear Technology LTC6946 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
LTC2000A
41
2000afb
For more information www.linear.com/LTC2000A
APPLICATIONS INFORMATION
Table 13. Adjusting Latency in Single-Port Mode
PHASE COMPARATOR OUTPUTS
SYNC_PH (REG 0x06)
DELAY FROM DCKIP/N RISING
EDGE TO NEXT CKP/N FALLING
EDGE (CKP/N CYCLES)
SYNC_PS SETTING
(DEFAULT)
(ADJUSTED TO REDUCE LATENCY
BY 1 CYCLE)*
0x03
0.5 to 0.6
00
N/A
0x04
0.6 to 0.7
00
10
0x05
0.7 to 0.8
00
10
0x15
0.8 to 0.9
00
10
0x25
0.9 to 1.0
00
10
0x35
0 to 0.1
10
N/A
0x45
0.1 to 0.2
10
N/A
0x55
0.2 to 0.3
10
N/A
0x54
0.3 to 0.4
10
N/A
0x53
0.4 to 0.5
10
N/A
0x52
0.5 to 0.6
10
N/A
0x51
0.6 to 0.7
10
00
0x50
0.7 to 0.8
10
00
0x40
0.8 to 0.9
10
00
0x30
0.9 to 1.0
10
00
0x20
0 to 0.1
00
N/A
0x10
0.1 to 0.2
00
N/A
0x00
0.2 to 0.3
00
N/A
0x01
0.3 to 0.4
00
N/A
0x02
0.4 to 0.5
00
N/A
*N/A indicate SYNC_PH values that should not occur if the timing mismatch requirements described above are met. If such a case occurs,
keep SYNC_PS as the default value.
PCB Layout Considerations
The close proximity of high frequency digital data lines
and high dynamic range, wideband analog signals make
clean printed circuit board design and layout an absolute
necessity. Figures 16 and 17 show a schematic and PCB
layers for an evaluation circuit for the LTC2000A. A single,
solid ground plane should be used, while separate supply
planes for AVDD18, DVDD18, AVDD33, and DVDD33 should
be kept all the way to the individual supply or LDO. All
LVDS input (DCKIP/N, DAP/N, DBP/N) board traces must
be carefully matched to ensure proper phase alignment.
These LVDS inputs should be kept far away from both the
IOUTP/N and CKP/N traces to avoid any data dependent
coupling into the analog output and DAC sample clock.
The CKP/N traces should be routed either over the analog
groundplaneorovertheirownsectiononthegroundplane.
Thesetracesalsoneedtohaveaccuratelycontrolledimped-
ance and should be well terminated near the LTC2000A.
The IOUTP/N traces should also be carefully matched to
each other, routed over the ground plane, away from the
LVDS inputs and CKP/N signals.
BypasscapacitorsarerequiredonAVDD18,DVDD18,AVDD33,
and DVDD33, and should all be connected to the analog
ground plane. 2.2µF ceramic capacitors with low ESR
are recommended to be placed close to the LTC2000A
with minimum trace lengths. A sample PCB layout and
schematic can be found below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com