Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6946 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC6946
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 36Page - Linear Technology LTC6946 Datasheet HTML 37Page - Linear Technology LTC6946 Datasheet HTML 38Page - Linear Technology LTC6946 Datasheet HTML 39Page - Linear Technology LTC6946 Datasheet HTML 40Page - Linear Technology LTC6946 Datasheet HTML 41Page - Linear Technology LTC6946 Datasheet HTML 42Page - Linear Technology LTC6946 Datasheet HTML 43Page - Linear Technology LTC6946 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
LTC2000A
40
2000afb
For more information www.linear.com/LTC2000A
APPLICATIONS INFORMATION
procedure as when operating in dual port mode—DAC
sample clocks must all be aligned to arrive at the CKP/N
pins of all DACs simultaneously and timing mismatch
between LVDS data clock signals at the DCKIP/N pins of
all DACs must be less than 0.4 cycles of the DAC sample
clock, minus any timing mismatch between the DAC
sample clocks.
To determine whether any DACs are being updated one
cycle late in single port mode, first use the phase compara-
tor outputs SYNC_PH and Table 13 to determine the delay
from the DCKIP/N rising edge to the next CKP/N falling
edge (as opposed to rising edge in dual port mode) for
each DAC. If the difference between the delays indicated
by SYNC_PH is greater than 0.4 cycles, the DCKIP/N ris-
ing edges are arriving in different sample clock cycles.
For the example in Figure 15b, we might read 0x15 for
SYNC_PH on DAC X and 0x20 on DAC Y. Table 13 shows
that the DCKIP/N to CKP/N delay is greater than 0.8 cycles
for DAC X and less than 0.1 cycles for DAC Y, and thus the
differencebetweenthemisatleast0.7cycles.Thisindicates
that DAC X is being updated one cycle later than DAC Y.
Consult Table 13 and use the same procedure described
above in the dual-port mode case to correct the SYNC_PS
settings for those DACs that are updating one cycle late.
In this single port example, writing 0x06 to register 0x05
of DAC X would set SYNC_MSYN = 1 and SYNC_PS = 10,
reducing the latency of DAC X by one cycle and aligning
its output with DAC Y, as shown in Figure 15b.
Note that variations in system temperature or supply
voltage may cause the phase of the data clock (DCKIP/N)
and sample clock (CKP/N) to vary with time. When using
the LTC2000A with SYNC_MSYN = 1, it is recommended
that users monitor SYNC_PH and adjust SYNC_PS using
Tables 12 or 13 as needed to maintain proper alignment.
Thesynchronizationproceduresdescribedabovealsowork
for systems with more than two DACs. Simply determine
the minimum DCKIP/N to CKP/N delay of all DACs by
reading SYNC_PH, and then adjust the SYNC_PS settings
to subtract one cycle of latency to those DACs whose
DCKIP/N to CKP/N delays are at least 0.4 cycles more
than the minimum. Sample verilog code implementing the
synchronization of multiple LTC2000As using Tables 12
and 13 can be found at:
http://www.linear.com/docs/44845
DBP/N[15:0]
DAC X
DCKIP/N
DAC X
IOUTP/N
DAC X
IOUTP/N
(ADJUSTED)
DAC Y
IOUTP/N
DAC Y
DCKIP/N
CKP/N
N
N+1
N+2
N+3
N+4
N+5
N+6
N+7
N+8
N+9
0.8 CYCLES
0.1 CYCLES
7.5 CYCLES
N
2000A F15b
N
N+2
N+1
N
N+2
N+1
N+1
6.5 CYCLES
7.5 CYCLES
Figure 15b. Sample Waveforms — Synchronizing Multiple LTC2000As in Single Port Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com