Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755CPX400LE Datasheet(PDF) 38 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 38 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 34Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 35Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 36Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 37Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 38Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 39Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 40Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 41Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
38
Freescale Semiconductor
System Design Information
The MPC755 generates the clock for the external L2 synchronous data SRAMs by dividing the core clock frequency
of the MPC755. The divided-down clock is then phase-adjusted by an on-chip delay-lock-loop (DLL) circuit and
should be routed from the MPC755 to the external RAMs. A separate clock output, L2SYNC_OUT is sent out half
the distance to the SRAMs and then returned as an input to the DLL on pin L2SYNC_IN so that the rising-edge of
the clock as seen at the external RAMs can be aligned to the clocking of the internal latches in the L2 bus interface.
The core-to-L2 frequency divisor for the L2 PLL is selected through the L2CLK bits of the L2CR register. Generally,
the divisor must be chosen according to the frequency supported by the external RAMs, the frequency of the
MPC755 core, and the phase adjustment range that the L2 DLL supports. Table 17 shows various example L2 clock
frequencies that can be obtained for a given set of core frequencies. The minimum L2 frequency target is 80 MHz.
8.2 PLL Power Supply Filtering
The AVDD and L2AVDD power signals are provided on the MPC755 to provide power to the clock generation PLL
and L2 cache DLL, respectively. To ensure stability of the internal clock, the power supplied to the AVDD input
signal should be filtered of any noise in the 500 kHz to 10 MHz resonant frequency range of the PLL. A circuit
similar to the one shown in Figure 21 using surface mount capacitors with minimum Effective Series Inductance
(ESL) is recommended. Consistent with the recommendations of Dr. Howard Johnson in High Speed Digital
Design: A Handbook of Black Magic (Prentice Hall, 1993), multiple small capacitors of equal value are
recommended over a single large value capacitor.
The circuit should be placed as close as possible to the AVDD pin to minimize noise coupled from nearby circuits.
An identical but separate circuit should be placed as close as possible to the L2AVDD pin. It is often possible to route
directly from the capacitors to the AVDD pin, which is on the periphery of the 360 BGA footprint, without the
inductance of vias. The L2AVDD pin may be more difficult to route, but is proportionately less critical.
Table 17. Sample Core-to-L2 Frequencies
Core Frequency (MHz)
÷1÷1.5÷2÷2.5÷3
250
250
166
125
100
83
266
266
177
133
106
89
275
275
183
138
110
92
300
300
200
150
120
100
325
325
217
163
130
108
333
333
222
167
133
111
350
350
233
175
140
117
366
366
244
183
146
122
375
375
250
188
150
125
400
400
266
200
160
133
Note: The core and L2 frequencies are for reference only. Some examples may represent core or L2
frequencies which are not useful, not supported, or not tested for by the MPC755; see Section 4.2.3, “L2
Clock AC Specifications,” for valid L2CLK frequencies. The L2CR[L2SL] bit should be set for L2CLK
frequencies less than 110 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com