Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755CPX400LE Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 5Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 6Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 7Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 8Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 9Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 10Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 11Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 12Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
9
Electrical and Thermal Characteristics
Table 3 provides the recommended operating conditions for the MPC755.
Table 4 provides the package thermal characteristics for the MPC755 and MPC745. The MPC755 was initially
sampled in a CBGA package, but production units are currently provided in both a CBGA and a PBGA package.
Because of the better long-term device-to-board interconnect reliability of the PBGA package, Freescale
recommends use of a PBGA package except where circumstances dictate use of a CBGA package. The MPC745 is
offered in a PBGA package only.
Table 3. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended Value
Unit
Notes
300 MHz, 350 MHz
400 MHz
Min
Max
Min
Max
Core supply voltage
VDD
1.80
2.10
1.90
2.10
V
3
PLL supply voltage
AVDD
1.80
2.10
1.90
2.10
V
3
L2 DLL supply voltage
L2AVDD
1.80
2.10
1.90
2.10
V
3
Processor bus
supply voltage
BVSEL = 1
OVDD
2.375
2.625
2.375
2.625
V
2, 4
3.135
3.465
3.135
3.465
5
L2 bus supply
voltage
L2VSEL = 1
L2OVDD
2.375
2.625
2.375
2.625
V
2, 4
3.135
3.465
3.135
3.465
5
Input voltage
Processor bus
Vin
GND
OVDD
GND
OVDD
V
L2 bus
Vin
GND
L2OVDD
GND
L2OVDD
V
JTAG signals
Vin
GND
OVDD
GND
OVDD
V
Die-junction temperature
Tj
0
105
0
105
°C
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not guaranteed.
2. Revisions prior to Rev. 2.8 (Rev. E) offered different I/O voltage support. For more information, refer to Section 10.2, “Part Numbers Not Fully
Addressed by This Document.”
3. 2.0 V nominal.
4. 2.5 V nominal.
5. 3.3 V nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com