Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755CPX400LE Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 9Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 10Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 11Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 12Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 13Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 14Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 15Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 16Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
13
Electrical and Thermal Characteristics
4.2
AC Electrical Characteristics
This section provides the AC electrical characteristics for the MPC755. After fabrication, functional parts are sorted
by maximum processor core frequency as shown in Section 4.2.1, “Clock AC Specifications,” and tested for
conformance to the AC specifications for that frequency. The processor core frequency is determined by the bus
(SYSCLK) frequency and the settings of the PLL_CFG[0:3] signals. Parts are sold by maximum processor core
frequency; see Section 10, “Ordering Information.”
4.2.1
Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 3.
Table 8. Clock AC Timing Specifications
At recommended operating conditions (see Table 3)
Characteristic
Symbol
Maximum Processor Core Frequency
Unit
Notes
300 MHz
350 MHz
400 MHz
MinMax
MinMax
MinMax
Processor frequency
fcore
200
300
200
350
200
400
MHz
1
VCO frequency
fVCO
400
600
400
700
400
800
MHz
1
SYSCLK frequency
fSYSCLK
25
100
25
100
25
100
MHz
1
SYSCLK cycle time
tSYSCLK
10
40
10
40
10
40
ns
SYSCLK rise and fall time
tKR, tKF
—2.0
—2.0
—2.0
ns
2
tKR, tKF
—1.4
—1.4
—1.4
ns
2
SYSCLK duty cycle measured at
OVDD/2
tKHKL/
tSYSCLK
40
60
40
60
40
60
%
3
SYSCLK jitter
—
±150
—
±150
—
±150
ps
3, 4
Internal PLL relock time
—
100
—
100
—
100
µs3, 5
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:3] settings must be chosen such that the resulting SYSCLK (bus) frequency, CPU (core)
frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating frequencies. Refer to the PLL_CFG[0:3]
signal description in Section 8.1, “PLL Configuration,” for valid PLL_CFG[0:3] settings.
2. Rise and fall times measurements are now specified in terms of slew rates, rather than time to account for selectable I/O bus interface levels.
The minimum slew rate of 1 V/ns is equivalent to a 2 ns maximum rise/fall time measured at 0.4 and 2.4 V (OVDD = 3.3 V) or a rise/fall time
of 1 ns measured at 0.4 and 1.8 V (OVDD = 2.5 V).
3. Timing is guaranteed by design and characterization.
4. This represents total input jitter—short term and long term combined—and is guaranteed by design.
5. Relock timing is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required for PLL lock after a
stable VDD and SYSCLK are reached during the power-on reset sequence. This specification also applies when the PLL has been disabled
and subsequently re-enabled during sleep mode. Also note that HRESET must be held asserted for a minimum of 255 bus clocks after the
PLL-relock time during the power-on reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com