Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755CPX400LE Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 8Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 9Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 10Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 11Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 12Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 13Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 14Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 15Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
12
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 7 provides the power consumption for the MPC755.
Capacitance, Vin = 0 V, f = 1 MHz
Cin
—
5.0
pF
3, 4
Notes:
1. Nominal voltages; see Table 3 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while L2OVDD is the reference for the L2 bus signals.
3. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK) and IEEE 1149.1 boundary scan (JTAG) signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OVDD and VDD, or both OVDD and VDD must vary in the same direction (for example, both OVDD and
VDD vary by either +5% or –5%).
Table 7. Power Consumption for MPC755
Processor (CPU) Frequency
Unit
Notes
300 MHz
350 MHz
400 MHz
Full-Power Mode
Typical
3.1
3.6
5.4
W
1, 3, 4
Maximum
4.5
5.3
8.0
W
1, 2
Doze Mode
Maximum
1.8
2.0
2.3
W
1, 2, 4
Nap Mode
Maximum
1.0
1.0
1.0
W
1, 2, 4
Sleep Mode
Maximum
550
550
550
mW
1, 2, 4
Sleep Mode (PLL and DLL Disabled)
Maximum
510
510
510
mW
1, 2
Notes:
1. These values apply for all valid processor bus and L2 bus ratios. The values do not include I/O supply power (OVDD and L2OVDD) or PLL/DLL
supply power (AVDD and L2AVDD). OVDD and L2OVDD power is system dependent, but is typically <10% of VDD power. Worst case power
consumption for AVDD = 15 mW and L2AVDD =15 mW.
2. Maximum power is measured at nominal VDD (see Table 3) while running an entirely cache-resident, contrived sequence of instructions
which keep the execution units maximally busy.
3. Typical power is an average value measured at the nominal recommended VDD (see Table 3) and 65°C in a system while running a typical
code sequence.
4. Not 100% tested. Characterized and periodically sampled.
Table 6. DC Electrical Specifications (continued)
At recommended operating conditions (see Table 3)
Characteristic
Nominal
Bus Voltage
1
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com