Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755CPX400LE Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 6Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 7Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 8Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 9Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 10Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 11Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 12Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 13Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
10
Freescale Semiconductor
Electrical and Thermal Characteristics
The MPC755 incorporates a thermal management assist unit (TAU) composed of a thermal sensor, digital-to-analog
converter, comparator, control logic, and dedicated special-purpose registers (SPRs). See the MPC750 RISC
Microprocessor Family User’s Manual for more information on the use of this feature. Specifications for the thermal
sensor portion of the TAU are found in Table 5.
Table 4. Package Thermal Characteristics 6
Characteristic
Symbol
Value
Unit
Notes
MPC755
CBGA
MPC755
PBGA
MPC745
PBGA
Junction-to-ambient thermal resistance, natural
convection
RθJA
24
31
34
°C/W
1, 2
Junction-to-ambient thermal resistance, natural
convection, four-layer (2s2p) board
RθJMA
17
25
26
°C/W
1, 3
Junction-to-ambient thermal resistance, 200 ft/min
airflow, single-layer (1s) board
RθJMA
18
25
27
°C/W
1, 3
Junction-to-ambient thermal resistance, 200 ft/min
airflow, four-layer (2s2p) board
RθJMA
14
21
22
°C/W
1, 3
Junction-to-board thermal resistance
RθJB
817
17
°C/W
4
Junction-to-case thermal resistance
RθJC
<0.1
<0.1
<0.1
°C/W
5
Notes:
1. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface
of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1) with
the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
6. Refer to Section 8.8, “Thermal Management Information,” for more details about thermal management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com