Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755CPX400LE Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 17Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 18Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 19Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 20Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 21Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 22Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 23Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 24Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
21
Electrical and Thermal Characteristics
Figure 8 shows the L2 bus input timing diagrams for the MPC755.
Figure 8. L2 Bus Input Timing Diagrams
Figure 9 shows the L2 bus output timing diagrams for the MPC755.
Figure 9. L2 Bus Output Timing Diagrams
Figure 10 provides the AC test load for L2 interface of the MPC755.
Figure 10. AC Test Load for the L2 Interface
4.2.5
IEEE 1149.1 AC Timing Specifications
Table 13 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure 12 through Figure 15.
Table 13. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions (see Table 3)
Parameter
Symbol
Min
Max
Unit
Notes
TCK frequency of operation
fTCLK
016
MHz
TCK cycle time
tTCLK
62.5
—
ns
TCK clock pulse width measured at 1.4 V
tJHJL
31
—
ns
TCK rise and fall times
tJR, tJF
02
ns
L2SYNC_IN
L2 Data and Data
VM
VM = Midpoint Voltage (L2OVDD/2)
tDVL2CH
tDXL2CH
tL2CR
tL2CF
Parity Inputs
L2SYNC_IN
All Outputs
VM
VM = Midpoint Voltage (L2OVDD/2)
tL2CHOV
tL2CHOX
VM
L2DATA BUS
tL2CHOZ
Output
Z0 = 50 Ω
L2OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com