Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC755CPX400LE Datasheet(PDF) 53 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 53 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 48Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 49Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 50Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 51Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 52Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 53Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 54Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 55Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 56Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
53
Ordering Information
10.3 Part Marking
Parts are marked as the example shown in Figure 29.
Figure 29. Part Marking for BGA Device
Table 22. Part Numbers Addressed by XPC755BxxnnnLD Series Part Number Specification (Document Order No.
MPC755BLDPNS/D)
XPC
xxx
B
xx
nnn
L
D
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
755
745
B = HiP4DP
PX = PBGA
RX = CBGA
300
350
400
L: 2.0 V ± 100 mV
0° to 105°C
D: 2.7; PVR = 0008 3203
Table 23. Part Numbers Addressed by XPC755xxxnnnLE Series Part Number Specification (Document Order No.
MPC755BLEPNS/D)
XPC
755
x
xx
nnn
L
E
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
755
B = HiP4DP
RX = CBGA
400
L: 2.0 V ± 100 mV
0° to 105°C
E: 2.7; PVR = 0008 3203
PX = PBGA
C = HiP4DP
RX = CBGA
450
BGA
XPC755C
RX400LE
MMMMMM
ATWLYYWWA
755
BGA
XPC745B
RX350LE
MMMMMM
ATWLYYWWA
745
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com