Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS03-R Datasheet(PDF) 44 Page - Broadcom Corporation.

Part # AC206-DS03-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS03-R Datasheet(HTML) 44 Page - Broadcom Corporation.

Back Button AC206-DS03-R Datasheet HTML 40Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 41Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 42Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 43Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 44Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 45Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 46Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 47Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 48Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 32 LED Effect Register
Document
AC206-DS05-405-R
LED EFFECT REGISTER
This set of the registers is defined for the whole chip. The base address is hex 08.
LED EFFECT WITH PARTITION/ISOLATION EVENT
LED EFFECT WITH LINK EVENT
Table 37: LED Effect with Partition/Isolation Event
Register
Bit
Name
Description
Mode
Default
15:12
Blink Rate [7:4]
Set the blink rate bits [7:0] with LED Effect with Partition/Isolation
Event Register (PHY Addr = 8; Reg Addr = 18), abbreviated as
REG_LED_EFFECT in the following equation.
Blink Rate = 1 / (16 ms x {REG_LED_EFFECT[15:12],
4‘b0000} x 2)
RW
0001
11:10
Reserved
RO
00
9:8
LED On with
Part/ISO Event
When Partition/Isolation, turn on corresponding LED 1:0.
RW
00
7:6
Reserved
RO
00
5:4
LED Blink with
Part/ISO Event
When Partition/Isolation, blink corresponding LED 1:0.
RW
00
3:2
Reserved
RO
00
1:0
LED Off with
Part/ISO Event
When Partition/Isolation, turn off corresponding LED 1:0.
RW
00
Table 38: LED Effect with Link Event
Register
Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED On with Link
Event
When Link Up, turn on corresponding LED 1:0.
RW
11
7:6
Reserved
RO
00
5:4
LED Blink with Link
Event
When Link Up, blink corresponding LED 1:0.
RW
11
3:2
Reserved
RO
00
1:0
LED Off with Link
Event
When Link Up, turn off corresponding LED 1:0.
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com