Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS03-R Datasheet(PDF) 61 Page - Broadcom Corporation.

Part # AC206-DS03-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS03-R Datasheet(HTML) 61 Page - Broadcom Corporation.

Back Button AC206-DS03-R Datasheet HTML 57Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 58Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 59Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 60Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 61Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 62Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 63Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 64Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 65Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
100 Mbps Repeater BackPlane Receive/Transmit Timing
Page 49
100 MBPS REPEATER BACKPLANE RECEIVE/TRANSMIT TIMING
Table 59: 100 Mbps Repeater BackPlane Receive/Transmit Timing
Parameter
SYM
Min
Typ
Max
Units
MS100D_CLK Period
tCK
40
ns
MS100D_CLK High period
tCKH
18
22
ns
MS100D_CLK Low period
tCKL
18
22
ns
RXIP/N to Control Assert
tJC
180
ns
RXIP/N to Control De-assert
tTC
180
ns
RXIP/N to M100COL_SYS* Assert
tCCS
200
ns
Control Falling to
MS100CRS_SYS*/MS100D_EN Falling Delay
Time
tCSC
30
ns
MS100D to MS100D_CLK Rising Setup Time
tDS
12
ns
MS100D to MS100D_CLK Rising Hold Time
tDH
5
ns
Control Assert to TXOP/N Valid
tCLT
300
ns
Control De-assert to TXOP/N Invalid
tCHT
200
Control is the combination of the following signals:
M100ACT0*, M100ACT1_0*, M100ACT1_1*, M100ACT1_2*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com