Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS03-R Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # AC206-DS03-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS03-R Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button AC206-DS03-R Datasheet HTML 10Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 11Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 12Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 13Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 14Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 15Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 16Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 17Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 18Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
AC206
Preliminary Data Sheet
07/08/02
B roa dcom
Page 2
Transceiver and Transmit Function
Document
AC206-DS05-405-R
TRANSCEIVER AND TRANSMIT FUNCTION
In 100BASE-TX mode, the Transceiver transmits MLT-3 signal to the cable via isolation transformer. MLT-3 data is a three
level signal data. This data is scrambled when transmitted to the media. The MLT-3 data is synchronous to the 25-MHz clock.
In 10BASE-T mode, Manchester code is generated by the 10BASE-T core logic, which synthesizes through the output
waveshaping driver. This helps reduce any EMI emission, which eliminates the need for an external filter.
MEDIA INDEPENDENT INTERFACE
The Media Independent Interface (MII) is for direct connection of an external device to the repeater. The transmit data on
the MII interface is 4-bit nibbles at 25/2.5 MHz rate. This MII interface is connected to the repeater via the MII TXD lines. The
external device asserts TX_EN during transmission, or forces an error in the encoded data using TX_ER.
SCRAMBLER
In 100BASE-TX mode, the internal 5-bit transmit data stream is scrambled as defined by the TP-PMD Stream Cipher
function in order to reduce radiated emissions on the twisted pair cable. The scrambler encodes a plain text NRZ bit stream
using a key stream periodic sequence of 2047 bits generated by the recursive linear function:
X [n] = X [n-11] + X [n-9] (modulo 2)
The scrambler reduces peak emissions by randomly spreading the signal energy over the transmit frequency range, thus
eliminating peaks at a single frequency. EMI emission can be further reduced by assigning a unique scrambled seed to each
port. When the BASE-T Control register 23.11 is set to 1 the data scrambling function is disabled, the 5-bit data stream is
clocked directly to the device’s PMA sublayer.
PARALLEL TO SERIAL AND NRZ—NRZI TO MLT-3 CONVERSION
The internal 5-bit NRZ data is clocked into transceiver’s shift register with a 25 MHz clock, and clocked out with a 125 MHz
clock to convert it into a serial bit stream. Both clocks are generated by an on-chip clock synthesizer, and they are in sync
to each other. The serialized data is further converted from NRZ to NRZI format, which produces a transition on every logic 1
and no transition on logic 0. To further reduce EMI emission, the NRZI data is converted to MLT-3 signal. The effect offers
a 3 dB to 6 dB reduction in EMI emissions over an un-converted NRZI signals, thus increases the output signals’ margin of
operating within the FCC Class B limit.
When there is a transition occurring in NRZI data, there is a corresponding transition for MLT-3 data. For NRZI data, it
changes the count up/down direction after every single transition. For MLT-3 data, it changes the count up/down direction
after every two transitions. The NRZI to MLT-3 data conversion is implemented without reference to the bit timing or clock
information. The conversion requires detecting transition of the incoming NRZI data and set up the count up/down direction
for the MLT-3 data. Asserting FX_SEL high bypasses this encoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com