Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS03-R Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # AC206-DS03-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS03-R Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button AC206-DS03-R Datasheet HTML 3Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 4Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 5Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 6Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 7Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 8Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 9Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 10Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405--R
Page vii
LED Effect with Speed100 Event 34
LED Register Control Mode .................................................................................................................. 34
EEPROM Table 35
4B/5B Code-Group Table 36
LED Display Matrix..................................................................................................................................... 37
Section 4: Electrical Characteristics................................................................................ 38
Absolute Maximum Ratings ...................................................................................................................... 38
Operating Range ........................................................................................................................................ 38
REFCLK Pins........................................................................................................................................ 39
I/O Characteristics – LED Pins ............................................................................................................. 39
100 BASE-TX Transceiver Characteristics 40
10 BASE-T Transceiver Characteristics................................................................................................ 40
Section 5: Digital Timing Characteristics ........................................................................ 41
Power on Reset .......................................................................................................................................... 41
PHY MDC/MDIO Interface 42
Seven-Wire Input Timing 43
Seven-Wire Output Timing 44
100BASE-TX MII Input Timing 45
100BASE-TX MII Output Timing 46
10BASE-TX MII Input Timing 47
10BASE-TX MII Output Timing 48
100 Mbps Repeater BackPlane Receive/Transmit Timing 49
10 Mbps Repeater BackPlane Receive/Transmit Timing 51
EEPROM Interface Timing 52
10/100BASE-TX Reverse MII Output Timing 53
10/100BASE-TX Reverse MII Input Timing ............................................................................................... 53
LED Timing 54
TX Application Termination 55
Section 6: Mechanical Information................................................................................... 56
Section 7: Ordering Information.......................................................................................57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com