Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS03-R Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AC206-DS03-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS03-R Datasheet(HTML) 1 Page - Broadcom Corporation.

  AC206-DS03-R Datasheet HTML 1Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 2Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 3Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 4Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 5Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 6Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 7Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 8Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
PRELIMINARY DATA SHEET
AC206
AC206-DS05-405-R
16215 Alton Parkway • P.O. Box 57013 • Irvine, California 92619-7013 • Phone: 949-450-8700 •Fax: 949-450-8710
07/08/02
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
Figure 1:
Functional Block Diagram
GENERAL DESCRIP T ION
FE A T U R E S
The AC206 is an unmanaged five-port 10/100 Mbps
repeater with an integrated bridge. The AC206 provides a
low-cost, integrated solution for unmanaged repeater
applications.
The AC206 is a Class II Repeater. The device provides five
10/100 Mbps copper media ports. The AC206 also provides
one selectable MII/seven-wire interface. The MII/seven-
wire interface can be connected to a MAC.
The AC206 provides 10/100 Mbps auto-negotiation and
parallel detection for all ports. The option to configure the
device for each port via EEPROM interface is available. The
AC206 provides two internal repeater state machines, one
operates at 10 Mbps and the other at 100 Mbps. When the
technology is set, the device automatically connects each
port to the appropriate repeater segment.
The AC206 provides two backplanes for expansion, one
operates at 10 Mbps and the other at 100 Mbps. Up to 20
ports can be connected into one repeater using backplane
buses.
The AC206 integrates repeater and bridge technologies
with store-and-forward forwarding mechanisms.
FE A T U R E S
• Low-power (less than 1A total current consumption when
used with 1.25:1 transformer) five-port 10/100 Mbps
repeater with built-in bridge function.
• MDC/MDIO for control/status of transceiver components.
• Five integrated 10/100 Mbps IEEE 802.3u compliant
transceivers.
• Fully integrated adaptive equalizer provides phase/
amplitude compensation for various cable lengths up to
30 dB at 100 MHz.
• Patent-pending DC restoration technique reduces offset/
baseline wander.
• IEEE 802.3u-compliant auto-negotiation.
• Unique scrambler seed for all port for better EMI.
• Supports Media Independent Interface (MII) or seven-
wire interface to connect to MAC.
• Cascadable backplane compatible with AC208.
• Non-blocking 10/100M bridge with MAC controller and
switching engine. One segment of a bridge is fixed to
100 Mbps, while the other can be configured for 10 or
100 Mbps.
• Bridge functions include:
- Embedded 32 KB memory for address table and
packet buffer.
- Local MAC address filtering.
- XOR hashing scheme.
- Short routing decision time.
- Forwarding schemes: store-and-forward.
- Address table up to 1K entries.
• Programmable LED display for activity, link, speed,
partition, utilization, and collision rate.
• Advanced power management includes:
- Each
transceiver
port
can
be
turned
off
independently.
- Standby mode, which reduces power when the port
is not connected.
• Low-power 2.5V 0.25 µm CMOS implementation with
128-pin QFP package.
• Input tolerance to 3.3V.
MU X
R _10 0
R _10
Br id g e
10 M
10 0M
. . .
. . .
P
H
Y
7W ir e
MII
MII
RB P
M
U
X
M II/
7- W ir e /
Rv - M I I
25 6K b i t s
RAM
MII
P
H
Y
P
H
Y
P
H
Y
P
H
Y
(T X 4 )
U p Li nk
(T X 3 )
(T X 2 )
(T X 1 )
(T X 0 )
Rv - M I I
To R v - M I I
1 00M R B P
10 0M R B P
10M R B P
10 M R B P


Similar Part No. - AC206-DS03-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC206 ETC-AC206 Datasheet
96Kb / 2P
5 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
logo
Teledyne Technologies I...
AC2066 TELEDYNE-AC2066 Datasheet
161Kb / 2P
10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2069 TELEDYNE-AC2069 Datasheet
164Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC206-DS03-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8995MA MICREL-KS8995MA Datasheet
368Kb / 73P
Integrated 5-Port 10/100 Managed Switch
KS8995M MICREL-KS8995M Datasheet
268Kb / 73P
Integrated 5-Port 10/100 Managed Switch
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
logo
Micrel Semiconductor
KS8995XA MICREL-KS8995XA_11 Datasheet
358Kb / 55P
Integrated 5-Port 10/100 QoS Switch
KS8995M_0607 MICREL-KS8995M_0607 Datasheet
805Kb / 76P
Integrated 5-Port 10/100 Managed Switch
KSZ8995MAFQ MICREL-KSZ8995MAFQ Datasheet
1Mb / 89P
Integrated 5-Port 10/100 Managed Switch
logo
Broadcom Corporation.
AC104X BOARDCOM-AC104X Datasheet
543Kb / 50P
2.5V 4-Port 10/100-TX Ethernet Transceiver
AC205 BOARDCOM-AC205 Datasheet
712Kb / 60P
2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
AC207 BOARDCOM-AC207 Datasheet
723Kb / 60P
2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
AC208 BOARDCOM-AC208 Datasheet
684Kb / 58P
2.5V 10/100-TX 8-Port Repeater/71 Uplink Port with Integrated Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com