Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS03-R Datasheet(PDF) 51 Page - Broadcom Corporation.

Part # AC206-DS03-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS03-R Datasheet(HTML) 51 Page - Broadcom Corporation.

Back Button AC206-DS03-R Datasheet HTML 47Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 48Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 49Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 50Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 51Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 52Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 53Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 54Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 55Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Operating Range
Page 39
REFCLK PINS
I/O CHARACTERISTICS – LED PINS
Table 46: TTL I/O Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage High
Vih
2.0
V
Input Voltage Low
Vil
0.8
V
Input Current
Ii
-10
10
mA
Output Voltage High
Voh
2.0
V
Output Voltage Low
Vol
0.4
V
Output Current High
Ioh
8
mA
Output Current Low
Iol
-8
mA
Input Capacitance
Ci
10
pF
Output Transition Time
2.375V < VCC2.625 < V
5
ns
Tristate Leakage Current
|Ioz|
10
uA
Table 47: REFCLK Pins
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Low
Vil
0.8
V
Input Voltage High
Vih
2.0
V
Input Clock Frequency Tolerance
F
100
ppm
Input Clock Duty Cycle
Tdc
40
60
%
Input Capacitance
Cin
3.0
pF
Table 48: I/O Characteristics – LED Pins
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Low Voltage
Vol
0.4
V
Output High Voltage
Voh
V
Input Current
Ii
27
mA
Output Current
Io
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com