Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC206-DS03-R Datasheet(PDF) 21 Page - Broadcom Corporation.

Part # AC206-DS03-R
Description  2.5V 10/100-TX 5-Port Repeater with Integrated Bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC206-DS03-R Datasheet(HTML) 21 Page - Broadcom Corporation.

Back Button AC206-DS03-R Datasheet HTML 17Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 18Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 19Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 20Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 21Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 22Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 23Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 24Page - Broadcom Corporation. AC206-DS03-R Datasheet HTML 25Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
Preliminary Data Sheet
AC206
07/08/02
B roa dcom
Document
AC206-DS05-405-R
Addressing Algorithm, Routing, Learning and Aging
Page 9
ADDRESSING ALGORITHM, ROUTING, LEARNING AND AGING
ADDRESS TABLE
The address table can store up to 1K entries and each entry consists of 48-bit MAC address, 8-bit port identifier, 1-bit
indication flag and 6-bit aging timer.
Bit 30: Entry valid/empty indication, 1 = valid entry, 0 = empty entry.
Bit 29-24: Aging timer.
Bit 23-16: Port number
ADDRESS RECOGNITION
The exclusive or addressing algorithm is used for address lookup table addressing (see the following figure).
Figure 2: Exclusive or Hashing Algorithm
The final address of address lookup table is the hashed address[9:0].
ROUTING DECISION
If a record is empty, the packet is broadcast and treated as an unknown frame. Otherwise, the record is read, and compared
with the current DA. If two addresses are the same, the port number is decided, and the packet is forwarded to the assigned
port. If address collision occurred, different MAC address, the incoming packet is considered an unknown packet.
Table 2: Content of Address Lookup Table
3130
0
V
Timer
Port#
MAC#1
MAC#2
MAC#3
MAC#4
MAC#5
MAC#6
MAC#6
MAC#4
MAC#2
xor
xor
=
Hashed address[15:0]
MAC#5
MAC#3
MAC#1
xor
xor
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com