Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS01-R Datasheet(PDF) 24 Page - Broadcom Corporation.

Part # AC207-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS01-R Datasheet(HTML) 24 Page - Broadcom Corporation.

Back Button AC207-DS01-R Datasheet HTML 20Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 21Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 22Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 23Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 24Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 25Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 26Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 27Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 28Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 14 Pin Descriptions
Document
AC207-DS04-405-R
Table 7: EEPROM Interface
Pin Name
Pin #
Type
Description
PROM_CS
127
O
PROM chip select. Connected to Chip Select pin of 93C46 serial
EEPROM.
PROM_CLK (LED_D[6])
124
O
PROM clock. Connected to CLK pin of 93C46 serial EEPROM.
PROM_OUT (LED_D[5])
123
O
PROM data out. Connected to Data_In pin of 93C46 serial EE-
PROM.
PROM_IN (LED_D[7])
125
I,D
PROM data in. Connected to Data_Out pin of 93C46 serial EE-
PROM.
Table 8: MDC/MDIO Interface
Pin Name
Pin #
Type
Description
MDC (PROM_CS)
127
I,U
Clock signal between the external device and PHY registers for
communication synchronization.
MDIO
128
I/O,D
Data input/output. It is a bi-directional data interface used by the
external manager to access internal PHY registers within AC207.
This pin has internal pull-down register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com