Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS01-R Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AC207-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS01-R Datasheet(HTML) 2 Page - Broadcom Corporation.

  AC207-DS01-R Datasheet HTML 1Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 2Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 3Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 4Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 5Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 6Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 7Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 8Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Bro adc om
Altima Communications, Inc.
A Broadcom Company
P.O. Box 57013
16215 Alton Parkway
Irvine, CA 92619-7013
© 2002 by Altima Communications, Inc.
All Rights Reserved
Printed in the U.S.A.
REVISION HISTORY
Broadcom® and the pulse logo® are registered trademarks of Broadcom Corporation and/or its subsidiaries in the United
States and certain other countries. All other trademarks are the property of their respective owners.
This data sheet (including, without limitation, the Broadcom component(s) identified herein) is not designed, intended, or
certified for use in any military, nuclear, medical, mass transportation, aviation, navigations, pollution control, hazardous
substances management, or other high risk application. BROADCOM PROVIDES THIS DATA SHEET "AS-IS", WITHOUT
WARRANTY OF ANY KIND. BROADCOM DISCLAIMS ALL WARRANTIES, EXPRESSED AND IMPLIED, INCLUDING,
WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE, AND NON-INFRINGEMENT.
Revision
Date
Change Description
AC207-DS04-405-R
07/08/02
Minor text updates.
AC207-DS03-R
06/07/02
Minor technical update.
AC207-DS02-R
06/20/01
Updated tables.
AC207-DS01-R
02/08/01
Updated text in ”Scrambler” subsection of ”Functional Description” to
read that “When the BT Control register 23.11 is set to 1 the data
scrambling function is disabled, the 5-bit data stream is clocked directly
to the device’s PMA sublayer.”
Added pin #114 to “DGND” of Table 12, ”Power and Ground,” on page
16.
Added pins # 1, 2, 3, 4, 6, 7, 8, 9, 11, 12, 13, 14, 16, 18, 19, 20, 21, 22,
24, 25, 26, 27 to Table 13, ”No Connects,” on page 16.
Updated Section 4 ”Electrical Characteristics” and Section 5 ”Digital
Timing Characteristics”.
Various text changes.
Added Section 6 ”Mechanical Information”, outlining packaging
specifications.
Updated Digital Input Voltage from “–0.5V to Vcc” to “–0.5V to 3.3V” in
Section 4 ”Electrical Characteristics”.
Updated LED Timing.
AC207-DS00-R
10/9/00
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com