Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS01-R Datasheet(PDF) 46 Page - Broadcom Corporation.

Part # AC207-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS01-R Datasheet(HTML) 46 Page - Broadcom Corporation.

Back Button AC207-DS01-R Datasheet HTML 42Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 43Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 44Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 45Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 46Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 47Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 48Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 49Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 50Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 36 Operating Range
Document
AC207-DS04-405-R
REFCLK PINS
I/O CHARACTERISTICS – LED PINS
Table 43: TTL I/O Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input voltage high
Vih
2.0
V
Input voltage low
Vil
0.8
V
Input current
Ii
-10
10
mA
Output voltage high
Voh
2.0
V
Output voltage low
Vol
0.4
V
Output current high
Ioh
8
mA
Output current low
Iol
-8
mA
Input capacitance
Ci
10
pF
Output transition time
3.15V < VCC < 3.45V
5
ns
Tristate leakage current
|Ioz|
10
uA
Table 44: REFCLK Pins
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input voltage low
Vil
0.8
V
Input voltage high
Vih
2.0
V
Input clock frequency tolerance
F
100
ppm
Input clock duty cycle
Tdc
40
60
%
Input capacitance
Cin
3.0
pF
Table 45: I/O Characteristics – LED Pins
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output low voltage
Vol
0.4
V
Output high voltage
Voh
V
Input current
Ii
27
mA
Output current
Io
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com