Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS01-R Datasheet(PDF) 57 Page - Broadcom Corporation.

Part # AC207-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS01-R Datasheet(HTML) 57 Page - Broadcom Corporation.

Back Button AC207-DS01-R Datasheet HTML 52Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 53Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 54Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 55Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 56Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 57Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 58Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 59Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 60Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
LED Timing
Page 47
LED TIMING
Figure 15: LED Timing
Table 57: LED Timing
Parameter
SYM
Conditions
Min
Typ
Max
Units
Pulse width
tPW
2
ms
LED_D[n] falling to
LED_D[n+1] falling
tPP
2
ms
LED_D[n] falling to
LED_D[n] falling
tPD
16
ms
LED_LN[5:0]
LED_D[7]
LED_D[6]
LED_D[5]
LED_D[4]
LED_D[3]
LED_D[2]
LED_D[1]
LED_D[0]
tPW
tPP
tPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com