Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS01-R Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # AC207-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS01-R Datasheet(HTML) 5 Page - Broadcom Corporation.

  AC207-DS01-R Datasheet HTML 1Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 2Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 3Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 4Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 5Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 6Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 7Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 8Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Preliminary Data Sheet
AC207
07/08/02
B roa dcom
Document
AC207-DS04-405-R
Page v
LED Effect with Speed100 Event .......................................................................................................... 31
LED Register Control Mode .................................................................................................................. 31
EEPROM Table ........................................................................................................................................... 32
4B/5B Code-Group Table ..................................................................................................................... 33
LED Display Matrix..................................................................................................................................... 34
Section 4: Electrical Characteristics................................................................................ 35
Absolute Maximum Ratings ...................................................................................................................... 35
Operating Range ........................................................................................................................................ 35
REFCLK Pins........................................................................................................................................ 36
I/O Characteristics – LED Pins ............................................................................................................. 36
100BASE-TX Transceiver Characteristics ............................................................................................ 37
10BASE-T Transceiver Characteristics................................................................................................. 37
Section 5: Digital Timing Characteristics ........................................................................ 39
Power-on Reset .......................................................................................................................................... 39
PHY MDC/MDIO Interface .......................................................................................................................... 39
7-Wire Input Timing.................................................................................................................................... 40
7-Wire Output Timing................................................................................................................................. 41
100BASE-TX MII Input Timing ................................................................................................................... 42
100BASE-TX MII Output Timing ................................................................................................................ 43
10BASE-TX MII Input Timing ..................................................................................................................... 44
10BASE-TX MII Output Timing .................................................................................................................. 45
EEPROM Interface Timing ......................................................................................................................... 46
LED Timing ................................................................................................................................................. 47
TX Application Termination ...................................................................................................................... 48
Section 6: Mechanical Information................................................................................... 49
Section 7: Ordering Information.......................................................................................50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com