Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS01-R Datasheet(PDF) 40 Page - Broadcom Corporation.

Part # AC207-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS01-R Datasheet(HTML) 40 Page - Broadcom Corporation.

Back Button AC207-DS01-R Datasheet HTML 36Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 37Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 38Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 39Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 40Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 41Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 42Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 43Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 44Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 30 Test and LED Effect Register
Document
AC207-DS04-405-R
LED EFFECT WITH LINK EVENT
LED EFFECT WITH ACTIVITY (CRS) EVENT
LED EFFECT WITH AUTO-NEGOTIATING EVENT
Table 35: LED Effect with Link Event
Register
Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED on with link event
When link up, turn on corresponding LED 1:0.
RW
11
7:6
Reserved
RO
00
5:4
LED blink with link event When link up, blink corresponding LED 1:0.
RW
11
3:2
Reserved
RO
00
1:0
LED off with link event
When link up, turn off corresponding LED 1:0.
RW
00
Table 36: LED Effect with Activity (CRS) Event
Register
Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED on with activity
event
When activity, turn on corresponding LED 1:0.
RW
00
7:6
Reserved
RO
00
5:4
LED blink with activity
event
When activity, blink corresponding LED 1:0.
RW
11
3:2
Reserved
RO
00
1:0
LED off with activity
event
When activity, turn off corresponding LED 1:0.
RW
00
Table 37: LED Effect with Auto-Negotiating Event
Register
Bit
Name
Description
Mode
Default
15:10
Reserved
RO
00000
9:8
LED on with auto-
negotiating event
When auto-negotiating, turn on corresponding LED 1:0.
RW
00
7:6
Reserved
RO
00
5:4
LED blink with auto-
negotiating event
When auto-negotiating, blink corresponding LED 1:0.
RW
00
3:2
Reserved
RO
00
1:0
LED off with auto-
negotiating event
When auto-negotiating, turn off corresponding LED 1:0.
RW
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com