Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS01-R Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # AC207-DS01-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS01-R Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button AC207-DS01-R Datasheet HTML 14Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 15Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 16Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 17Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 18Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 19Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 20Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 21Page - Broadcom Corporation. AC207-DS01-R Datasheet HTML 22Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 8
Addressing Algorithm, Routing, Learning and Aging
Document
AC207-DS04-405-R
Bit 30: Entry valid / empty indication, 1: valid entry, 0: empty entry.
Bit 29-24: Aging timer.
Bit 23-16: Port number
ADDRESS RECOGNITION
The exclusive or addressing algorithm is used for address lookup table addressing. Refer to Figure 2.
Figure 2: Exclusive or Hashing Algorithm
The final address of address lookup table is the hashed address[9:0].
ROUTING DECISION
If a record is empty, the packet is broadcast and treated as an unknown frame. Otherwise, the record is read, and compared
with the current DA. If two addresses are the same, the port number is decided, and the packet is forwarded to the assigned
port. If address collision occurred, different MAC address, the incoming packet is considered an unknown packet.
LEARNING PROCESS
The address learning process is composed of the SA packets and the addressing algorithm described above. The bridge
checks each incoming packets integrity and buffers availability. If a packet is error-free and the buffer is available, the SA/
port number pair of the packet is written into the address lookup table. Figure 3 describes the general operations of address
learning and recognition.
Figure 3: Address Learning and Recognition
MAC#6
MAC#4
MAC#2
xor
xor
=
Hashed address[15:0]
MAC#5
MAC#3
MAC#1
xor
xor
=
Xor Hashing Function
DA or SA
[9:0]
Address
Entry Point
AAA-1
AAA
AAA+1
Address Lookup Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com