Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2207R1-R230-R Datasheet(PDF) 9 Page - Vicor Corporation

Part # FP2207R1-R230-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP2207R1-R230-R Datasheet(HTML) 9 Page - Vicor Corporation

Back Button FP2207R1-R230-R Datasheet HTML 5Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 6Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 7Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 8Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 9Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 10Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 11Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 12Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 9 of 41
03/2018
PI352x-00
PI3523-00 (3.3VOUT) Electrical Characteristics (Cont.)
Specifications apply for –40°C < TINT < 120°C, VIN = 48V, EN = High, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Timing
Switching Frequency
fs
[f] While in Discontinuous Conduction Mode (DCM) only,
SYNCI grounded
470
500
530
kHz
Fault Restart Delay
tFR_DLY
30
ms
Synchronization Input (SYNCI)
Synchronization Frequency Range
fSYNCI
–50% and +10% relative to set switching frequency (fS),
while in DCM operating mode only. [c] [f]
250
550
kHz
SYNCI Threshold
VSYNCI
2.5
V
Synchronization Output (SYNCO)
SYNCO High
VSYNCO_HI
Source 1mA
4.5
V
SYNCO Low
VSYNCO_LO
Sink 1mA
0.5
V
SYNCO Rise Time
tSYNCO_RT
20pF load
10
ns
SYNCO Fall Time
tSYNCO_FT
20pF load
10
ns
Soft Start, Tracking and Error Amplifier
TRK Active Range (Nominal)
VTRK
0
1.4
V
TRK Enable Threshold
VTRK_OV
20
40
60
mV
TRK to EAIN Offset
VEAIN_OV
50
80
110
mV
Charge Current (Soft Start)
ITRK
30
50
70
µA
Discharge Current (Fault)
ITRK_DIS
VTRK = 0.5V
8.7
mA
TRK Capacitance, Internal
CTRK_INT
47
nF
Soft-Start Time
tSS
CTRK_EXT = 0µF
0.6
0.94
1.6
ms
Error Amplifier Trans-Conductance
GMEAO
[b]
5.1
mS
PSM Skip Threshold
PSMSKIP
[b]
0.6
V
EAIN Capacitance, Internal
CEAIN_INT
56
pF
Error Amplifier Output Impedance
ROUT
[b]
1
MΩ
Internal Compensation Capacitor
CHF
[b]
56
pf
Internal Compensation Resistor
RZI
[b]
6
kΩ
[a] All parameters reflect regulator and inductor system performance. Measurements were made using a standard PI352x evaluation board with 3 x 3"
dimensions and 4 layer, 2oz copper. Refer to inductor pairing table within Application Description section for specific inductor manufacturer and value.
[b] Regulator is assured to meet performance specifications by design, test correlation, characterization, and/or statistical process control.
Output voltage is determined by an external feedback divider ratio.
[c] Output current capability may be limited and other performance may vary from noted electrical characteristics when VOUT is not set to nominal.
[d] Refer to Output Ripple plots.
[e] Refer to Load Current vs. Ambient Temperature curves.
[f] Refer to Switching Frequency vs. Load current curves.
[g] Contact factory applications for array derating and layout best practices to minimize sharing errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com