Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2207R1-R230-R Datasheet(PDF) 33 Page - Vicor Corporation

Part # FP2207R1-R230-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP2207R1-R230-R Datasheet(HTML) 33 Page - Vicor Corporation

Back Button FP2207R1-R230-R Datasheet HTML 29Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 30Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 31Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 32Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 33Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 34Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 35Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 36Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 37Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 33 of 41
03/2018
PI352x-00
SiP Power Dissipation as Percentage of Total System Losses
Figure 91 — PI3525-00-LGIZ
Figure 90 — PI3523-00-LGIZ
Figure 92 — PI3526-00-LGIZ
V
IN (V)
50
60
70
80
90
100
30
35
40
45
50
55
40
60
<5% Rated Load
30% Rated Load
100% Rated Load
I
OUT:
V
IN (V)
50
60
70
80
90
95
85
75
65
55
100
30
35
40
45
50
55
60
<5% Rated Load
30% Rated Load
100% Rated Load
I
OUT:
V
IN (V)
50
60
70
80
90
100
30
35
40
45
50
55
30
40
60
<5% Rated Load
30% Rated Load
100% Rated Load
I
OUT:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com