Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2207R1-R230-R Datasheet(PDF) 29 Page - Vicor Corporation

Part # FP2207R1-R230-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP2207R1-R230-R Datasheet(HTML) 29 Page - Vicor Corporation

Back Button FP2207R1-R230-R Datasheet HTML 25Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 26Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 27Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 28Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 29Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 30Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 31Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 32Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 33Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 29 of 41
03/2018
PI352x-00
Functional Description
The PI352x-00 is a family of highly integrated ZVS Buck
regulators. The PI352x-00 has an output voltage that can be set
within a prescribed range shown in Table 1. Performance and
maximum output current are characterized with a specific external
power inductor (see Table 3).
For basic operation, Figure 88 shows the connections
and components required. No additional design or
settings are required.
ENABLE (EN)
EN is the enable pin of the converter. The EN Pin is referenced
to SGND and permits the user to turn the regulator on or off.
The EN default polarity is a positive logic assertion. If the EN pin
is left floating or asserted high, the converter output is enabled.
Pulling EN pin below VEN_LO with respect to SGND will disable the
regulator output.
Remote Sensing
If remote sensing is required, the PI352x-00 product family
is equipped with a general purpose op-amp. This amplifier
can allow full differential remote sense by configuring it as a
differential follower and connecting the VDIFF pin to the EAIN pin.
Soft Start
The PI352x-00 includes an internal soft-start capacitor to
control the rate of rise of the output voltage. See the Electrical
Characteristics Section for the default value. Connecting an
external capacitor from the TRK pin to SGND will increase the
start-up ramp period. See, “Soft Start Adjustment and Track,” in
the Applications Description section for more details.
Output Voltage Selection
The PI352x-00 output voltage is set with REA1 and REA2 as
shown in Figure 88. Table 1 defines the allowable operational
voltage ranges for the PI352x-00 family. Refer to the Output
Voltage Set Point Application Description for details.
Output Current Limit Protection
The PI352x-00 has a current limit protection, which prevents
the output from sourcing current higher than the regulator’s
maximum rated current. If the output current exceeds the
Current Limit (IOUT_CL) for 1024µs, a slow current limit fault is
initiated and the regulator is shutdown which eliminates output
current flow. After Fault Restart Delay (tFR_DLY), a soft-start cycle
is initiated. This restart cycle will be repeated indefinitely until the
excessive load is removed.
The PI352x-00 also has short circuit protection which can
immediately stop switching to protect against catastrophic failure
of an external component such as a saturated inductor. If short
circuit protection is triggered the PI352x-00 will complete the
current cycle and stop switching. The module will attempt to soft
start after Fault Restart Delay (tFR_DLY).
Input Undervoltage Lockout
If VIN falls below the input Undervoltage Lockout (UVLO)
threshold, but remains high enough to power the internal bias
supply, the PI352x-00 will complete the current cycle and stop
switching. The system will soft start once the input voltage is
reestablished and after the Fault Restart Delay.
Figure 88 — ZVS Buck with required components
ZVS-Buck
VINVS1
VOUT
VSP
VSN
VDIFF
EAIN
EAO
COMP
TRK
PGND
VDR
SYNCO
SYNCI
PWRGD
EN
TESTx
SGND
C
IN
REA2
L1
REA1
C
COMP
C
OUT
V
IN
V
OUT
Table 1 — PI352x-00 family output voltage ranges
Device
Output Voltage
Nom.
Range
PI3523-00-LGIZ
3.3V
2.2 – 4.0V
PI3525-00-LGIZ
5.0V
4.0 – 6.5V
PI3526-00-LGIZ
12V
6.5 – 14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com