Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2207R1-R230-R Datasheet(PDF) 35 Page - Vicor Corporation

Part # FP2207R1-R230-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP2207R1-R230-R Datasheet(HTML) 35 Page - Vicor Corporation

Back Button FP2207R1-R230-R Datasheet HTML 31Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 32Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 33Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 34Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 35Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 36Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 37Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 38Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 39Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 35 of 41
03/2018
PI352x-00
Inductor Pairing
The PI352x-00 utilizes an external inductor. This inductor has
been optimized for maximum efficiency performance. Table 3
details the specific inductor value and part number utilized for
each PI352x-00.
The same inductor model may have different effective thermal
impedances, depending on the model ZVS Buck paired with
it. The thermal impedances are used in a virtual model of the
inductor to estimate the maximum temperature, and the location
of the maximum temperature may vary depending on the
ZVS Buck model that the inductor is used with. This is because the
effective thermal impedances are not only based on the geometry
and materials used in the inductor, but include how the inductor
power dissipation is distributed among core losses, DC copper
losses, and AC copper losses. This distribution is dependent on
the ZVS buck model that uses the inductor.
Parallel Operation
Multiple PI352x-00 can be connected in parallel to increase
the output capability of a single output rail. When connecting
modules in parallel, each EAO, TRK, and EN pin should be
connected together. EAIN pins should remain separated, each
with an REA1 and REA2, to reject noise differences between
different modules' SGND pins. Current sharing will occur
automatically in this manner so long as each inductor is the same
value. Refer to the Electrical Characteristics table for maximum
array size and array rated output current. Current sharing may be
considered independent of synchronization and/or interleaving.
Modules do not have to be interleaved or synchronized
to share current.
Due to the high output current capability of a single module and
Critical Conduction Mode (CrCM) occurring at approximately
50% rated load, interleaving is not supported.
Use of the PI352x-00 SYNCI pin is practical only under a limited
set of conditions. Synchronizing to another converter or to a fixed
external clock source can result in a significant reduction in output
power capability or higher than expected ripple.
Filter Considerations
The PI352x-00 requires low impedance ceramic input capacitors
(X7R/X5R or equivalent) to ensure proper start up and high
frequency decoupling for the power stage. The PI352x-00
will draw nearly all of the high frequency current from the
low impedance ceramic capacitors when the main high side
MOSFET(s) are conducting. During the time the MOSFET(s) are off,
the input capacitors are replenished from the source.
Table 6 shows the recommended input and output capacitors
to be used for the PI352x-00 as well as per capacitor RMS ripple
current and the input and output ripple voltages. Table 5 lists the
recommended input and output ceramic capacitors manufacturer
and part numbers. It is very important to verify that the voltage
supply source as well as the interconnecting lines are stable and
do not oscillate.
Input Filter Case 1 — Inductive source and local, external,
input decoupling capacitance with negligible ESR
(i.e., ceramic type):
The voltage source impedance can be modeled as a series
Rline Lline circuit. The high performance ceramic decoupling
capacitors will not significantly damp the network because
of their low ESR; therefore in order to guarantee stability the
following conditions must be verified:
Where rEQ_IN can be calculated by dividing the lowest line voltage
by the full load input current. It is critical that the line source
impedance be at least an octave lower than the converter’s
dynamic input resistance, Equation 6. However, Rline cannot
be made arbitrarily low otherwise Equation 5 is violated and
the system will show instability, due to an under-damped
RLC input network.
Figure 96 — PI352x-00 parallel operation
ZVS-Buck
#1
VINVS1
VOUT
VSP
VSN
VDIFF
EAIN
EAO
COMP
TRK
PGND
VDR
SYNCO
SYNCI
PWRGD
EN
TESTx
SGND
CIN_1
COUT_1
REA2_1
L1_1
REA1_1
CCOMP_1
VIN
EN
ZVS-Buck
#2
VINVS1
VOUT
VSP
VSN
VDIFF
EAIN
EAO
COMP
TRK
PGND
VDR
SYNCO
SYNCI
PWRGD
EN
TESTx
SGND
CIN_2
COUT_2
L1_2
CCOMP_2
VIN
EN
VOUT
VOUT
TRK
EAO
TRK
EAO
REA2_2
REA1_2
(
)
L
line
C
IN_INT + CIN_EXT
• r
EQ_IN
R
line >
(5)
(6)
R
line << rEQ_IN
Table 4 — PI352x-00 Inductor pairing
Product
System
Value
(nH)
MFR
Part Number
Max Operating
Temp (°C)
PI3523
230
Eaton
FP2207R1-R230-R
125
PI3525
230
Eaton
FP2207R1-R230-R
125
PI3526
480
Eaton
HCV1707R1-R48-R
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com