Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2207R1-R230-R Datasheet(PDF) 24 Page - Vicor Corporation

Part # FP2207R1-R230-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP2207R1-R230-R Datasheet(HTML) 24 Page - Vicor Corporation

Back Button FP2207R1-R230-R Datasheet HTML 20Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 21Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 22Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 23Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 24Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 25Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 26Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 27Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 28Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 24 of 41
03/2018
PI352x-00
Load Current (A)
30V
48V
60V
V
IN:
90
91
92
93
94
95
96
97
98
1.8
3.6
5.4
7.2
910.812.614.416.218
Figure 59 — System Efficiency, Nominal Trim,
Board Temperature = 25ºC
Load Current (A)
0
1
2
3
4
5
6
7
8
9
10
1.8
3.6
5.4
7.2
9
10.812.614.416.218
30V
48V
60V
V
IN:
Figure 62 — System Power Dissipation, Nominal Trim,
Board Temperature = 25ºC
Load Current (A)
0
1
2
3
4
5
6
7
8
1.8
3.6
5.4
7.2
9
10.812.614.416.218
30V
48V
60V
V
IN:
Load Current (A)
30V
48V
60V
V
IN:
88
89
90
91
92
93
94
95
96
97
1.8
3.6
5.4
7.2
910.812.614.416.218
Figure 60 — System Efficiency, Low Trim,
Board Temperature = 25ºC
PI3526-00 (12VOUT) Electrical Characteristics (Cont.)
Load Current (A)
0
4
2
6
8
10
12
1.8
3.6
5.4
7.2
9
10.812.614.416.218
30V
48V
60V
V
IN:
Load Current (A)
30V
48V
60V
V
IN:
90
91
92
93
94
95
96
97
98
1.8
3.6
5.4
7.2
910.812.614.416.218
Figure 63 — System Power Dissipation, Low Trim,
Board Temperature = 25ºC
Figure 61 — System Efficiency, High Trim,
Board Temperature = 25ºC
Figure 64 — System Power Dissipation, High Trim,
Board Temperature = 25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com