Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2207R1-R230-R Datasheet(PDF) 36 Page - Vicor Corporation

Part # FP2207R1-R230-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP2207R1-R230-R Datasheet(HTML) 36 Page - Vicor Corporation

Back Button FP2207R1-R230-R Datasheet HTML 32Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 33Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 34Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 35Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 36Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 37Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 38Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 39Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 40Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 36 of 41
03/2018
PI352x-00
Input Filter case 2 — Inductive source and local, external
input decoupling capacitance with significant RC
IN_EXT ESR
(i.e., electrolytic type):
In order to simplify the analysis in this case, the voltage source
impedance can be modeled as a simple inductor Lline.
Notice that the high performance ceramic capacitors CIN_INT
within the PI352x-00 should be included in the external
electrolytic capacitance value for this purpose. The stability
criteria will be:
Equation 8 shows that if the aggregate ESR is too small – for
example by using very high quality input capacitors (CIN_EXT) – the
system will be under-damped and may even become destabilized.
As noted, an octave of design margin in satisfying Equation 7
should be considered the minimum. When applying an electrolytic
capacitor for input filter damping the ESR value must be chosen to
avoid loss of converter efficiency and excessive power dissipation
in the electrolytic capacitor.
VDR Bias Regulator
The VDR internal bias regulator is a ZVS switching regulator that
resides internal to the PI352x-00 SiP. It is intended primarily to
power the internal controller and driver circuitry. The power
capability of this regulator is sized for the PI352x-00, with
adequate reserve for the application it was intended for.
It may be used for as a pullup source for open collector
applications and for other very low power uses with the
following restrictions:
1. The total external loading on VDR must be less than IVDR.
2. No direct connection is allowed. Any noise source that can
disturb the VDR voltage can also affect the internal controller
operation. A series impedance is required between the VDR pin
and any external circuitry.
3. All loads must be locally de-coupled using a 0.1µF ceramic
capacitor. This capacitor must be connected to the VDR output
through a series resistor no smaller than 1kΩ, which forms a
low-pass filter.
Additional System Design Considerations
1. Inductive loads: As with all power electronic applications,
consideration must be given to driving inductive loads that
may be exposed to a fault in the system which could result
in consequences beyond the scope of the power supply
primary protection mechanisms. An inductive load could be a
filter, fan motor or even excessively long cables. Consider an
instantaneous short circuit through an un-damped inductance
that occurs when the output capacitors are already at an
initial condition of fully charged. The only thing that limits the
current is the inductance of the short circuit and any series
resistance. Even if the power supply is off at the time of the
short circuit, the current could ramp up in the external inductor
and store considerable energy. The release of this energy will
result in considerable ringing, with the possibility of ringing
nodes connected to the output voltage below ground. The
system designer should plan for this by considering the use
of other external circuit protection such as load switches,
fuses, and transient voltage protectors. The inductive filters
should be critically damped to avoid excessive ringing or
damaging voltages. Adding a high current Schottky diode
from the output voltage to PGND close to the PI352x-00 is
recommended for these applications.
2. Low voltage operation: There is no isolation from an SELV
(Safety-Extra-Low-Voltage) power system. Powering low
voltage loads from input voltages as high as 60V may require
additional consideration to protect low voltage circuits from
excessive voltage in the event of a short circuit from input to
output. A fast TVS (transient voltage suppressor) gating an
external load switch is an example of such protection.
Table 5 — Recommended input and output capacitor components
Manufacturer
Part Number
Value
Description
Murata
GRM32EC80J107ME20
100µF
100µF 6.3V 1210 X6S
Murata
GRM32ER71A476KE15
47µF
47µF 10V 1210 X7R
Murata
GRM32ER72A225KA35
2.2µF
2.2µF 100V 1210 X7R
Murata
GRM32DR71E106MA12
10µF
10µF 25V 1210 X7R
Product
Load
Current
(A)
CIN
COUT
CIN
Ripple
Current
(IRMS)
COUT
Ripple
Current
(IRMS)
VIN
Ripple
(mVpp)
VOUT
Ripple
(mVpp)
Load
Step
(% Rating)
(1A/µs)
Transient
Deviation
Excluding
Ripple
(mVpk)
VOUT
Recovery
Time (µs)
PI3523
22
10 x
2.2µF
8 x 100µF
7.3
16.1
900
75
50 – 100
110
<80
PI3525
20
10 x
2.2µF
12 x 47µF
8.0
14
960
75
50 – 100
160
<80
PI3526
18
10 x
2.2µF
8 x 10µF
10.1
11
700
210
50 – 100
260
<80
Table 6 — Recommended input and output capacitor quantity and performance at nominal line, nominal trim.
(7)
r
EQ_IN > RCIN_EXT
L
line
C
IN_INT • RCIN_EXT
< r
EQ_IN
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com