Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP2207R1-R230-R Datasheet(PDF) 27 Page - Vicor Corporation

Part # FP2207R1-R230-R
Description  30 ??60VIN Cool-Power ZVS Buck Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FP2207R1-R230-R Datasheet(HTML) 27 Page - Vicor Corporation

Back Button FP2207R1-R230-R Datasheet HTML 23Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 24Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 25Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 26Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 27Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 28Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 29Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 30Page - Vicor Corporation FP2207R1-R230-R Datasheet HTML 31Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 1.5
Page 27 of 41
03/2018
PI352x-00
Figure 77 — Transient Response: 50% to 100% load, at 1A/µs.
Nominal Line, Nominal Trim,
COUT = 8 x 10µF Ceramic
Figure 81 — Output Voltage Ripple: Nominal Line, Nominal Trim,
50% load, COUT = 8 x 10µF Ceramic
Figure 80 — Output Short Circuit, Nominal Line
Figure 78 — Output Voltage Ripple: Nominal Line, Nominal Trim,
100% load, COUT = 8 x 10µF Ceramic
Figure 79 — Switching Frequency vs. Load, Nominal Trim
Figure 82 — System Thermal Specified Operating Area: Max IOUT
at Nominal Trim vs. temperature at locations noted
PI3526-00 (12VOUT) Electrical Characteristics (Cont.)
Temperature of Isothermal SiP VIN and VS1 pins,
and PCB at Inductor (ºC)
0
2
4
6
8
12
10
14
16
18
20
25
50
75
100
125
Note:
SiP is based on VIN and VS1 paths
only. Inductor is based on base with
inclusion of GEL 30 interface
resistance (0.15mm thick; 3.5W/m-K
thermal conductivity), and all leads.
Load Current (A)
30V
IN
48V
IN
60V
IN
350
425
500
575
650
725
1.8
3.6
5.4
7.2
9
10.8 12.6 14.4 16.2
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com