Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL5423
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423 Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL5423 Datasheet HTML 1Page - Renesas Technology Corp EL5423 Datasheet HTML 2Page - Renesas Technology Corp EL5423 Datasheet HTML 3Page - Renesas Technology Corp EL5423 Datasheet HTML 4Page - Renesas Technology Corp EL5423 Datasheet HTML 5Page - Renesas Technology Corp EL5423 Datasheet HTML 6Page - Renesas Technology Corp EL5423 Datasheet HTML 7Page - Renesas Technology Corp EL5423 Datasheet HTML 8Page - Renesas Technology Corp EL5423 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 3 of 17
August 31, 2010
Ordering Information
PART NUMBER
PART MARKING
PACKAGE
PKG. DWG. #
EL5123CY
P
10 Ld MSOP (3.0mm)
MDP0043
EL5123CY-T7*
P
10 Ld MSOP (3.0mm)
MDP0043
EL5123CY-T13*
P
10 Ld MSOP (3.0mm)
MDP0043
EL5123CYZ (Note)
BAAAT
10 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL5123CYZ-T7* (Note)
BAAAT
10 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL5123CYZ-T13* (Note)
BAAAT
10 Ld MSOP (3.0mm) (Pb-free)
MDP0043
EL5223CL
5223CL
24 Ld QFN (4mmx5mm)
MDP0046
EL5223CL-T7*
5223CL
24 Ld QFN (4mmx5mm)
MDP0046
EL5223CL-T13*
5223CL
24 Ld QFN (4mmx5mm)
MDP0046
EL5223CLZ (Note)
5223CLZ
24 Ld QFN (4mmx5mm) (Pb-free)
MDP0046
EL5223CLZ-T7* (Note)
5223CLZ
24 Ld QFN (4mmx5mm) (Pb-free)
MDP0046
EL5223CLZ-T13* (Note)
5223CLZ
24 Ld QFN (4mmx5mm) (Pb-free)
MDP0046
EL5223CR
5223CR
20 Ld TSSOP (4.4mm)
MDP0044
EL5223CR-T7*
5223CR
20 Ld TSSOP (4.4mm)
MDP0044
EL5223CR-T13*
5223CR
20 Ld TSSOP (4.4mm)
MDP0044
EL5223CRZ (Note)
5223CRZ
20 Ld TSSOP (4.4mm) (Pb-free)
M20.173
EL5223CRZ-T7* (Note)
5223CRZ
20-Ld TSSOP (4.4mm) (Pb-free)
M20.173
EL5223CRZ-T13* (Note)
5223CRZ
20 Ld TSSOP (4.4mm) (Pb-free)
M20.173
EL5323CL
5323CL
24 Ld QFN (4mmx5mm)
MDP0046
EL5323CL-T7*
5323CL
24 Ld QFN (4mmx5mm)
MDP0046
EL5323CL-T13*
5323CL
24 Ld QFN (4mmx5mm)
MDP0046
EL5323CLZ (Note)
5323CLZ
24 Ld QFN (4mmx5mm) (Pb-free)
MDP0046
EL5323CLZ-T7* (Note)
5323CLZ
24 Ld QFN (4mmx5mm) (Pb-free)
MDP0046
EL5323CLZ-T13* (Note)
5323CLZ
24 Ld QFN (4mmx5mm) (Pb-free)
MDP0046
EL5323CR
5323CR
24 Ld TSSOP (4.4mm)
MDP0044
EL5323CR-T13*
5323CR
24 Ld TSSOP (4.4mm)
MDP0044
EL5323CRZ (Note)
5323CRZ
24 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
EL5323CRZ-T7* (Note)
5323CRZ
24 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
EL5323CRZ-T13* (Note)
5323CRZ
24 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
EL5423CL
5423CL
32 Ld QFN (5mmx6mm)
MDP0046
EL5423CL-T7*
5323CL
32 Ld QFN (5mmx6mm)
MDP0046
EL5423CL-T13*
5423CL
32 Ld QFN (5mmx6mm)
MDP0046
EL5423CLZ (Note)
5423CLZ
32 Ld QFN (5mmx6mm) (Pb-free)
MDP0046
EL5423CLZ-T7* (Note)
5423CLZ
32 Ld QFN (5mmx6mm) (Pb-free)
MDP0046
EL5423CLZ-T13* (Note)
5423CLZ
32 Ld QFN (5mmx6mm) (Pb-free)
MDP0046



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com