Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5423 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL5423
Description  12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5423 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL5423 Datasheet HTML 1Page - Renesas Technology Corp EL5423 Datasheet HTML 2Page - Renesas Technology Corp EL5423 Datasheet HTML 3Page - Renesas Technology Corp EL5423 Datasheet HTML 4Page - Renesas Technology Corp EL5423 Datasheet HTML 5Page - Renesas Technology Corp EL5423 Datasheet HTML 6Page - Renesas Technology Corp EL5423 Datasheet HTML 7Page - Renesas Technology Corp EL5423 Datasheet HTML 8Page - Renesas Technology Corp EL5423 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
EL5123, EL5223, EL5323, EL5423
FN7176 Rev 3.00
Page 4 of 17
August 31, 2010
EL5423CR
5423CR
28 Ld TSSOP (4.4mm)
MDP0044
EL5423CR-T7*
5423CR
28 Ld TSSOP (4.4mm)
MDP0044
EL5423CR-T13*
5423CR
28 Ld TSSOP (4.4mm)
MDP0044
EL5423CRZ (Note)
5423CRZ
28 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
EL5423CRZ-T7* (Note)
5423CRZ
28 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
EL5423CRZ-T13* (Note)
5423CRZ
28 Ld TSSOP (4.4mm) (Pb-free)
MDP0044
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Ordering Information (Continued)
PART NUMBER
PART MARKING
PACKAGE
PKG. DWG. #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com